Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 4Page - Renesas Technology Corp H8/3022 Datasheet HTML 5Page - Renesas Technology Corp H8/3022 Datasheet HTML 6Page - Renesas Technology Corp H8/3022 Datasheet HTML 7Page - Renesas Technology Corp H8/3022 Datasheet HTML 8Page - Renesas Technology Corp H8/3022 Datasheet HTML 9Page - Renesas Technology Corp H8/3022 Datasheet HTML 10Page - Renesas Technology Corp H8/3022 Datasheet HTML 11Page - Renesas Technology Corp H8/3022 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 712 page
background image
Rev.2.00 Mar. 22, 2007 Page viii of xxiv
REJ09B0352-0200
Item
Page
Revision (See Manual for Details)
7.5.3 Pin Functions in
Each Mode
Figure 7.13 Pin
Functions in Modes 1
and 3 (Port 5)
149
Figure amended
Port 5
A
(output)
A
(output)
A
(output)
A
(output)
19
18
17
16
8.4.8 Buffering
Figure 8.52 Input
Capture and Buffer
Transfer Timing
(Example)
263
Figure amended
φ
TCNT
GR
BR
TIOC pin
Input capture
signal
n
n + 1
N
n
M
N + 1
N
n
M
m
n
M
8.4.9 ITU Output
Timing
Figure 8.55 Timing of
Disabling of ITU Output
by External Trigger
(Example)
266
Figure amended
φ
TIOCA1 pin
TOER
ITU output
I/O port
ITU output
I/O port
Generic
input/output
Generic
input/output
ITU output
ITU output
Input capture
signal
ITU output
pins
NN
H'C0
H'C0
N: Arbitrary setting (H'C1 to H'FF)
9.2.5 Next Data
Register A (NDRA)
293
Bit table amended
Bit
Initial value
Read/Write
7
NDR7
0
R/W
6
NDR6
0
R/W
5
NDR5
0
R/W
4
NDR4
0
R/W
3
NDR3
0
R/W
2
NDR2
0
R/W
1
NDR1
0
R/W
0
NDR0
0
R/W
Next data 7 to 4
These bits store the next output
data for TPC output group 1
Next data 3 to 0
These bits store the next output
data for TPC output group 0
9.4.2 Note on Non-
Overlapping Output
313
Description amended
This can be accomplished by having the IMFA interrupt
service routine write the next data in NDR.
The next data
must be written before the next compare match B occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com