Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 80Page - Renesas Technology Corp H8/3022 Datasheet HTML 81Page - Renesas Technology Corp H8/3022 Datasheet HTML 82Page - Renesas Technology Corp H8/3022 Datasheet HTML 83Page - Renesas Technology Corp H8/3022 Datasheet HTML 84Page - Renesas Technology Corp H8/3022 Datasheet HTML 85Page - Renesas Technology Corp H8/3022 Datasheet HTML 86Page - Renesas Technology Corp H8/3022 Datasheet HTML 87Page - Renesas Technology Corp H8/3022 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 712 page
background image
3. MCU Operating Modes
Rev.2.00 Mar. 22, 2007 Page 60 of 684
REJ09B0352-0200
3.3
System Control Register (SYSCR)
SYSCR is an 8-bit register that controls the operation of the H8/3022 Group.
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
4
STS0
0
R/W
3
UE
1
R/W
0
RAME
1
R/W
2
NMIEG
0
R/W
1
—
1
—
Software standby
Enables transition to software standby mode
User bit enable
Selects whether to use UI bit in CCR
as a user bit or an interrupt mask bit
NMI edge select
Selects the valid edge
of the NMI input
Reserved bit
RAM enable
Enables or
disables
on-chip RAM
Standby timer select 2 to 0
These bits select the waiting time at
recovery from software standby mode
Bit 7—Software Standby (SSBY): Enables transition to software standby mode. (For further
information about software standby mode see section 17, Power-Down State.)
When software standby mode is exited by an external interrupt, this bit remains set to 1. To clear
this bit, write 0.
Bit7
SSBY
Description
0
SLEEP instruction causes transition to sleep mode
(Initial value)
1
SLEEP instruction causes transition to software standby mode
Bits 6 to 4—Standby Timer Select (STS2 to STS0): These bits select the length of time the CPU
and on-chip supporting modules wait for the internal clock oscillator to settle when software
standby mode is exited by an external interrupt. Set these bits so that the waiting time will be at
least 7 ms at the system clock rate. For further information about waiting time selection, see
section 17.4.3, Selection of Oscillator Waiting Time after Exit from Software Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com