Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 93Page - Renesas Technology Corp H8/3022 Datasheet HTML 94Page - Renesas Technology Corp H8/3022 Datasheet HTML 95Page - Renesas Technology Corp H8/3022 Datasheet HTML 96Page - Renesas Technology Corp H8/3022 Datasheet HTML 97Page - Renesas Technology Corp H8/3022 Datasheet HTML 98Page - Renesas Technology Corp H8/3022 Datasheet HTML 99Page - Renesas Technology Corp H8/3022 Datasheet HTML 100Page - Renesas Technology Corp H8/3022 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 712 page
background image
4. Exception Handling
Rev.2.00 Mar. 22, 2007 Page 73 of 684
REJ09B0352-0200
Table 4.2
Exception Vector Table
Vector Address*
1
Exception Source
Vector Number
Normal Mode
Advanced Mode
Reset
0
H'0000 to H'0001
H'0000 to H'0003
Reserved for system use
1
H'0002 to H'0003
H'0004 to H'0007
2
H'0004 to H'0005
H'0008 to H'000B
3
H'0006 to H'0007
H'000C to H'000F
4
H'0008 to H'0009
H'0010 to H'0013
5
H'000A to H'000B
H'0014 to H'0017
6
H'000C to H'000D
H'0018 to H'001B
External interrupt (NMI)
7
H'000E to H'000F
H'001C to H'001F
Trap instruction (4 sources)
8
H'0010 to H'0011
H'0020 to H'0023
9
H'0012 to H'0013
H'0024 to H'0027
10
H'0014 to H'0015
H'0028 to H'002B
11
H'0016 to H'0017
H'002C to H'002F
External interrupt
IRQ
0
12
H'0018 to H'0019
H'0030 to H'0033
IRQ
1
13
H'001A to H'001B
H'0034 to H'0037
Reserved for system use
14
H'001C to H'001D
H'0038 to H'003B
15
H'001E to H'001F
H'003C to H'003F
External interupt
IRQ
4
16
H'0020 to H'0021
H'0040 to H'0043
IRQ
5
17
H'0022 to H'0023
H'0044 to H'0047
Reserved for system use
18
H'0024 to H'0025
H'0048 to H'004B
19
H'0026 to H'0027
H'004C to H'004F
Internal interrupts*
2
20
to
60
H'0028 to H'0029
to
H'0078 to H'0079
H'0050 to H'0053
to
H'00F0 to H'00F3
Notes: 1. Lower 16 bits of the address.
2. For the internal interrupt vectors, see section 5.3.3, Interrupt Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com