Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 97Page - Renesas Technology Corp H8/3022 Datasheet HTML 98Page - Renesas Technology Corp H8/3022 Datasheet HTML 99Page - Renesas Technology Corp H8/3022 Datasheet HTML 100Page - Renesas Technology Corp H8/3022 Datasheet HTML 101Page - Renesas Technology Corp H8/3022 Datasheet HTML 102Page - Renesas Technology Corp H8/3022 Datasheet HTML 103Page - Renesas Technology Corp H8/3022 Datasheet HTML 104Page - Renesas Technology Corp H8/3022 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 712 page
background image
4. Exception Handling
Rev.2.00 Mar. 22, 2007 Page 77 of 684
REJ09B0352-0200
4.4
Trap Instruction
Trap instruction exception handling starts when a TRAPA instruction is executed. If the UE bit is
set to 1 in the system control register (SYSCR), the exception handling sequence sets the I bit to 1
in CCR. If the UE bit is 0, the I and UI bits are both set to 1. The TRAPA instruction fetches a
start address from a vector table entry corresponding to a vector number from 0 to 3, which is
specified in the instruction code.
4.5
Stack Status after Exception Handling
Figure 4.4 shows the stack after completion of trap instruction exception handling and interrupt
exception handling.
SP-4
SP-3
SP-2
SP-1
SP (ER7)
SP (ER7)
SP+1
SP+2
SP+3
SP+4
Before exception handling
After exception handling
CCR
PC
PC
PC
E
H
L
Even address
Save on stack
Legend
PCE:
PCH:
PCL:
CCR:
SP:
Notes:
PC indicates the address of the first instruction that will be executed after return.
Saving and restoring of registers must be conducted at even addresses in word-size
or longword-size units.
1.
2.
Bits 23 to 16 of program counter (PC)
Bits 15 to 8 of program counter (PC)
Bits 7 to 0 of program counter (PC)
Condition code register
Stack pointer
Stack area
Figure 4.4 Stack after Completion of Exception Handling (Advanced Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com