Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 94Page - Renesas Technology Corp H8/3022 Datasheet HTML 95Page - Renesas Technology Corp H8/3022 Datasheet HTML 96Page - Renesas Technology Corp H8/3022 Datasheet HTML 97Page - Renesas Technology Corp H8/3022 Datasheet HTML 98Page - Renesas Technology Corp H8/3022 Datasheet HTML 99Page - Renesas Technology Corp H8/3022 Datasheet HTML 100Page - Renesas Technology Corp H8/3022 Datasheet HTML 101Page - Renesas Technology Corp H8/3022 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 712 page
background image
4. Exception Handling
Rev.2.00 Mar. 22, 2007 Page 74 of 684
REJ09B0352-0200
4.2
Reset
4.2.1
Overview
A reset is the highest-priority exception. When the
RES pin goes low, all processing halts and the
H8/3022 Group enters the reset state. A reset initializes the internal state of the CPU and the
registers of the on-chip supporting modules. Reset exception handling begins when the
RES pin
changes from low to high.
The chip can also be reset by overflow of the watchdog timer. For details see section 10,
Watchdog Timer.
4.2.2
Reset Sequence
The H8/3022 Group enters the reset state when the
RES pin goes low.
To ensure that the chip is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the
chip during operation, hold the
RES pin low for at least 10 system clock (φ) cycles. When using
the flash memory version, hold at "Low" level for a least 1usec. See appendix D.2, Pin States at
Reset, for the states of the pins in the reset state.
When the
RES pin goes high after being held low for the necessary time, the H8/3022 Group chip
starts reset exception handling as follows.
• The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
• The contents of the reset vector address (H'0000 to H'0003 in advanced mode) are read, and
program execution starts from the address indicated in the vector address.
Figure 4.2 shows the reset sequence in modes 5 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com