Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 26Page - Renesas Technology Corp H8/3022 Datasheet HTML 27Page - Renesas Technology Corp H8/3022 Datasheet HTML 28Page - Renesas Technology Corp H8/3022 Datasheet HTML 29Page - Renesas Technology Corp H8/3022 Datasheet HTML 30Page - Renesas Technology Corp H8/3022 Datasheet HTML 31Page - Renesas Technology Corp H8/3022 Datasheet HTML 32Page - Renesas Technology Corp H8/3022 Datasheet HTML 33Page - Renesas Technology Corp H8/3022 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 712 page
background image
1. Overview
Rev.2.00 Mar. 22, 2007 Page 6 of 684
REJ09B0352-0200
1.3
Pin Description
1.3.1
Pin Arrangement
Figure 1.2 shows the pin arrangement of the H8/3022 Group.
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P72/AN2
P73/AN3
P74/AN4
P75/AN5
P76/AN6
P77/AN7
AVCC
P80/IRQ0
P81/IRQ1
P91/TxD1
P93/RxD1
P95/SCK1/IRQ5
PA0/TP0/TCLKA
PA1/TP1/TCLKB
PA2/TP2/TIOCA0/TCLKC
PA3/TP3/TIOCB0/TCLKD
PA4/TP4/TIOCA1/A23
PA5/TP5/TIOCB1/A22
PA6/TP6/TIOCA2/A21
PA7/TP7/TIOCB2/A20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A17/P51
A16/P50
A15/P27
A14/P26
A13/P25
A12/P24
A11/P23
A10/P22
A9/P21
A8/P20
VSS
A7/P17
A6/P16
A5/P15
A4/P14
A3/P13
A2/P12
A1/P11
A0/P10
VCC
Top view
(FP-80A, TFP-80C)
Note: * Masked ROM:
RESO
Flash memory: FWE
Figure 1.2 Pin Arrangement (FP-80A, TFP-80C Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com