Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3022 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 78Page - Renesas Technology Corp H8/3022 Datasheet HTML 79Page - Renesas Technology Corp H8/3022 Datasheet HTML 80Page - Renesas Technology Corp H8/3022 Datasheet HTML 81Page - Renesas Technology Corp H8/3022 Datasheet HTML 82Page - Renesas Technology Corp H8/3022 Datasheet HTML 83Page - Renesas Technology Corp H8/3022 Datasheet HTML 84Page - Renesas Technology Corp H8/3022 Datasheet HTML 85Page - Renesas Technology Corp H8/3022 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 712 page
background image
3. MCU Operating Modes
Rev.2.00 Mar. 22, 2007 Page 58 of 684
REJ09B0352-0200
Modes 5 and 6 are externally expanded mode that enables access to external memory and
peripheral devices and also enables access to the on-chip ROM. Mode 5 supports a maximum
address space of 1 Mbyte.
Mode 6 supports a maximum address space of 16 Mbyte.
Mode 7 is single-chip modes that operate using the on-chip ROM, RAM, and registers. All I/O
ports are available. Mode 7 is an advanced mode with a maximum address space of 1 Mbyte.
The H8/3022 Group can be used only in modes 1, 3, or 5 to 7. The inputs at the mode pins must
select one of these seven modes. The inputs at the mode pins must not be changed during
operation.
3.1.2
Register Configuration
The H8/3022 Group has a mode control register (MDCR) that indicates the inputs at the mode
pins (MD
2 and MD0), and a system control register (SYSCR). Table 3.2 summarizes these
registers.
Table 3.2
Registers
Address*
Name
Abbreviation
R/W
Initial Value
H'FFF1
Mode control register
MDCR
R
Undetermined
H'FFF2
System control register
SYSCR
R/W
H'0B
Note: * The lower 16 bits of the address are indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com