Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 42Page - Renesas Technology Corp 32186 Datasheet HTML 43Page - Renesas Technology Corp 32186 Datasheet HTML 44Page - Renesas Technology Corp 32186 Datasheet HTML 45Page - Renesas Technology Corp 32186 Datasheet HTML 46Page - Renesas Technology Corp 32186 Datasheet HTML 47Page - Renesas Technology Corp 32186 Datasheet HTML 48Page - Renesas Technology Corp 32186 Datasheet HTML 49Page - Renesas Technology Corp 32186 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1032 page
background image
2
CPU
2-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Bit endian
(H'01)
Byte endian
(H'01234567)
Big endian
Little endian
Note: • Even when bits are arranged in big endian, H'01 is not B'10000000.
HH
HL
LH
LL
H'01
H'23
H'45
H'67
LL
LH
HL
HH
H'67
H'45
H'23
H'01
B'0000001
b0
b7
B'0000001
b7
b0
Figure 2.6.4 General Endian System
(2) Data formats in memory
The data sizes in memory can be byte (8 bits), halfword (16 bits) or word (32 bits). Although byte data
can be located at any address, halfword and word data must be located at the addresses aligned with
a halfword boundary (least significant address bit = "0") or a word boundary (two low-order address
bits = "00"), respectively. If an attempt is made to access memory data that overlaps the halfword or
word boundary, an address exception occurs.
Figure 2.6.3 Data Formats in Memory
(3) Endian
The diagrams below show a general endian system and the endian adopted for the M32R Family
microcomputers.
Address
Byte
Halfword
Word
+0 address
+1 address
+2 address
+3 address
b0
b31
Byte
Byte
Byte
Byte
Halfword
Halfword
Word
7
8
15 16
23 24
b0
15
b0
b31
b31
2.6 Data Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com