Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 82Page - Renesas Technology Corp 32186 Datasheet HTML 83Page - Renesas Technology Corp 32186 Datasheet HTML 84Page - Renesas Technology Corp 32186 Datasheet HTML 85Page - Renesas Technology Corp 32186 Datasheet HTML 86Page - Renesas Technology Corp 32186 Datasheet HTML 87Page - Renesas Technology Corp 32186 Datasheet HTML 88Page - Renesas Technology Corp 32186 Datasheet HTML 89Page - Renesas Technology Corp 32186 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1032 page
background image
3
ADDRESS SPACE
3-36
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (28/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 1444
CAN1 Single-Shot Interrupt Request Status Register
(Upper)
13-44
(CAN1SSISTW)
(CAN1SSIST)
H'0080 1446
(Lower)
(CAN1SSISTL)
H'0080 1448
CAN1 Single-Shot Interrupt Request Mask Register
(Upper)
13-46
(CAN1SSIMKW)
(CAN1SSIMK)
H'0080 144A
(Lower)
(CAN1SSIMKL)
(Use inhibited area)
H'0080 1450
CAN1 Message Slot 0 Control Register
CAN1 Message Slot 1 Control Register
13-81
(C1MSL0CNT)
(C1MSL1CNT)
H'0080 1452
CAN1 Message Slot 2 Control Register
CAN1 Message Slot 3 Control Register
13-81
(C1MSL2CNT)
(C1MSL3CNT)
H'0080 1454
CAN1 Message Slot 4 Control Register
CAN1 Message Slot 5 Control Register
13-81
(C1MSL4CNT)
(C1MSL5CNT)
H'0080 1456
CAN1 Message Slot 6 Control Register
CAN1 Message Slot 7 Control Register
13-81
(C1MSL6CNT)
(C1MSL7CNT)
H'0080 1458
CAN1 Message Slot 8 Control Register
CAN1 Message Slot 9 Control Register
13-81
(C1MSL8CNT)
(C1MSL9CNT)
H'0080 145A
CAN1 Message Slot 10 Control Register
CAN1 Message Slot 11 Control Register
13-81
(C1MSL10CNT)
(C1MSL11CNT)
H'0080 145C
CAN1 Message Slot 12 Control Register
CAN1 Message Slot 13 Control Register
13-81
(C1MSL12CNT)
(C1MSL13CNT)
H'0080 145E
CAN1 Message Slot 14 Control Register
CAN1 Message Slot 15 Control Register
13-81
(C1MSL14CNT)
(C1MSL15CNT)
H'0080 1460
CAN1 Message Slot 16 Control Register
CAN1 Message Slot 17 Control Register
13-82
(C1MSL16CNT)
(C1MSL17CNT)
H'0080 1462
CAN1 Message Slot 18 Control Register
CAN1 Message Slot 19 Control Register
13-82
(C1MSL18CNT)
(C1MSL19CNT)
H'0080 1464
CAN1 Message Slot 20 Control Register
CAN1 Message Slot 21 Control Register
13-82
(C1MSL20CNT)
(C1MSL21CNT)
H'0080 1466
CAN1 Message Slot 22 Control Register
CAN1 Message Slot 23 Control Register
13-82
(C1MSL22CNT)
(C1MSL23CNT)
H'0080 1468
CAN1 Message Slot 24 Control Register
CAN1 Message Slot 25 Control Register
13-82
(C1MSL24CNT)
(C1MSL25CNT)
H'0080 146A
CAN1 Message Slot 26 Control Register
CAN1 Message Slot 27 Control Register
13-82
(C1MSL26CNT)
(C1MSL27CNT)
H'0080 146C
CAN1 Message Slot 28 Control Register
CAN1 Message Slot 29 Control Register
13-82
(C1MSL28CNT)
(C1MSL29CNT)
H'0080 146E
CAN1 Message Slot 30 Control Register
CAN1 Message Slot 31 Control Register
13-82
(C1MSL30CNT)
(C1MSL31CNT)
(Use inhibited area)
H'0080 1500
CAN1 Message Slot 0 Standard ID0
CAN1 Message Slot 0 Standard ID1
13-85
(C1MSL0SID0)
(C1MSL0SID1)
13-87
H'0080 1502
CAN1 Message Slot 0 Extended ID0
CAN1 Message Slot 0 Extended ID1
13-89
(C1MSL0EID0)
(C1MSL0EID1)
13-91
H'0080 1504
CAN1 Message Slot 0 Extended ID2
CAN1 Message Slot 0 Data Length Register
13-93
(C1MSL0EID2)
(C1MSL0DLC)
13-95
H'0080 1506
CAN1 Message Slot 0 Data 0
CAN1 Message Slot 0 Data 1
13-97
(C1MSL0DT0)
(C1MSL0DT1)
13-99
H'0080 1508
CAN1 Message Slot 0 Data 2
CAN1 Message Slot 0 Data 3
13-101
(C1MSL0DT2)
(C1MSL0DT3)
13-103
H'0080 150A
CAN1 Message Slot 0 Data 4
CAN1 Message Slot 0 Data 5
13-105
(C1MSL0DT4)
(C1MSL0DT5)
13-107
H'0080 150C
CAN1 Message Slot 0 Data 6
CAN1 Message Slot 0 Data 7
13-109
(C1MSL0DT6)
(C1MSL0DT7)
13-111
H'0080 150E
CAN1 Message Slot 0 Timestamp
13-113
(C1MSL0TSP)
H'0080 1510
CAN1 Message Slot 1 Standard ID0
CAN1 Message Slot 1 Standard ID1
13-85
(C1MSL1SID0)
(C1MSL1SID1)
13-87
H'0080 1512
CAN1 Message Slot 1 Extended ID0
CAN1 Message Slot 1 Extended ID1
13-89
(C1MSL1EID0)
(C1MSL1EID1)
13-91
H'0080 1514
CAN1 Message Slot 1 Extended ID2
CAN1 Message Slot 1 Data Length Register
13-93
(C1MSL1EID2)
(C1MSL1DLC)
13-95
H'0080 1516
CAN1 Message Slot 1 Data 0
CAN1 Message Slot 1 Data 1
13-97
(C1MSL1DT0)
(C1MSL1DT1)
13-99
H'0080 1518
CAN1 Message Slot 1 Data 2
CAN1 Message Slot 1 Data 3
13-101
(C1MSL1DT2)
(C1MSL1DT3)
13-103
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com