Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 24Page - Renesas Technology Corp 32186 Datasheet HTML 25Page - Renesas Technology Corp 32186 Datasheet HTML 26Page - Renesas Technology Corp 32186 Datasheet HTML 27Page - Renesas Technology Corp 32186 Datasheet HTML 28Page - Renesas Technology Corp 32186 Datasheet HTML 29Page - Renesas Technology Corp 32186 Datasheet HTML 30Page - Renesas Technology Corp 32186 Datasheet HTML 31Page - Renesas Technology Corp 32186 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1032 page
background image
1
OVERVIEW
1-10
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 1.3.1 Description of Pin Functions (1/3)
Type
Pin Name
Signal Name
Input/Output Description
Power supply
VCCER
Internal power
–
Power supply input for the internal voltage generator circuit
supply input
(5.0 V ± 0.5 V or 3.3 V ± 0.3 V).
VCCE
Port/internal
–
Power supply input for the port and internal peripheral I/O
peripheral I/O pin
pins (5.0 V ± 0.5 V or 3.3 V ± 0.3 V).
power supply input
Apply same voltage to the all VCCE pins.
VCC-BUS
Port/bus interface
–
Power supply input for the port and bus interface pins
pin power supply
(5.0 V ± 0.5 V or 3.3 V ± 0.3 V).
input
Apply same voltage to the all VCC-BUS pins.
VDDE
RAM power supply
–
Backup power supply input for the internal RAM (5.0 V ± 0.5 V
input
or 3.3 V ± 0.3 V).
VSS
Ground
–
Connect all VSS pins to ground (GND).
EXCVCC
VCCER control
–
This pin connects an external capacitor for the internal
voltage generator circuit.
EXCVDD
VDDE control
–
This pin connects an external capacitor for the internal
power supply of the internal RAM.
Clock
XIN,
Clock input
Input
These are clock input/output pins. Including a PLL-based ×8
XOUT
Clock output
Output
frequency multiplier, they input 1/8 of the CPU clock frequency.
(XIN input is 10 MHz when f(CPUCLK) = 80 MHz.)
CLKOUT,
System clock
Output
The CLKOUT pin outputs a clock that is equal to the external
BCLK
input clock frequency, XIN (i.e., CLKOUT output is 10 MHz
when f(CPUCLK) = 80 MHz), or two times of XIN (i.e.,
CLKOUT output is 20 MHz when f(CPUCLK) = 8 MHz).
This clock is used when operations are synchronous
external to the chip.
The BCLK pin outputs a clock that is two times the external
input clock frequency, XIN (i.e. BCLK output is 20 MHz
when f(CPUCLK) = 80 MHz).
Reset
RESET#
Reset
Input
Reset input pin for the internal circuit.
Mode
MOD0
−
Mode
Input
Set the microcomputer’s operation mode.
MOD2
MOD0
MOD1
MOD2
Mode
L
L
L
Single-chip mode
L
H
L
External extension mode
H
L
L
Processor mode (boot mode)
(Note 1)
H
H
L
(Settings inhibited)
X
X
H
(Settings inhibited)
X: Don’t care
Flash protect
FP
Flash protect
Input
This special pin protects the flash memory against rewrites
in hardware.
Address bus
A9–A30
Address bus
Output
Twenty-two address lines (A9–A30) are included, allowing
four blocks each up to 8 Mbyte memory space to be
connected external to the chip. A31 is not output.
Note 1: Boot mode requires that the FP pin should be at the “H” level. For details about boot mode, see Chapter 6, “Internal
Memory.”
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com