Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 25Page - Renesas Technology Corp 32186 Datasheet HTML 26Page - Renesas Technology Corp 32186 Datasheet HTML 27Page - Renesas Technology Corp 32186 Datasheet HTML 28Page - Renesas Technology Corp 32186 Datasheet HTML 29Page - Renesas Technology Corp 32186 Datasheet HTML 30Page - Renesas Technology Corp 32186 Datasheet HTML 31Page - Renesas Technology Corp 32186 Datasheet HTML 32Page - Renesas Technology Corp 32186 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1032 page
background image
1
OVERVIEW
1-11
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Table 1.3.1 Description of Pin Functions (2/3)
Type
Pin Name
Signal Name
Input/Output Description
Data bus
DB0–DB15
Data bus
Input/output
This 16-bit data bus is used to connect external devices.
When writing in byte units during a write cycle, the output
data at the invalid byte position is undefined. During a
read cycle, data on the entire 16-bit bus is always read in.
However, only the data at the valid byte position is
transferred into the internal circuit.
Bus control
CS0#–CS3# Chip select
Output
These are chip select signals for external devices.
RD#
Read
Output
This signal is output when reading an external device.
WR#
Write
Output
This signal is output when writing to an external device.
BHW#/BLW# Byte high/low write
Output
When writing to an external device, this signal indicates the
valid byte position to which data is transferred. BHW# and
BLW# correspond to the upper address side (bits 0–7 are
valid) and the lower address side (bits 8–15 are valid),
respectively.
BHE#
Byte high enable
Output
During an external device access, this signal indicates that
the high-order data (bits 0–7) is valid.
BLE#
Byte low enable
Output
During an external device access, this signal indicates that
the low-order data (bits 8–15) is valid.
WAIT#
Wait
Input
When accessing an external device, a “L” level input on
WAIT# pin extends the wait cycle.
HREQ#
Hold request
Input
This input pin is used by an external device to request
control of the external bus. A ”L” level input on HREQ# pin
places the CPU in a hold state.
HACK#
Hold acknowledge
Output
This signal notifies that the CPU has entered a hold state
and relinquished control of the external bus.
Multijunction
TIN0,
Timer input
Input
Input pins for the multijunction timer.
timer
TIN3–TIN11,
TIN16–TIN27,
TIN30–TIN33
TO0–TO36
Timer output
Output
Output pins for the multijunction timer.
TCLK0
Timer clock
Input
Clock input pins for the multijunction timer.
–TCLK3
A/D converter
AVCC0
Analog power
–
AVCC0 is the power supply input for the A/D0 converter.
supply input
Connect AVCC0 to the power supply rail.
AVSS0
Analog ground
–
AVSS0 is the analog ground for the A/D0 converter. Connect
AVSS0 to ground.
AD0IN0
Analog input
Input
16-channel analog input pins for the A/D0 converter.
–AD0IN15
VREF0
Reference voltage
Input
VREF0 is the reference voltage input pin for the A/D0
input
converter.
Interrupt
SBI#
System break
Input
This is the system break interrupt (SBI) input pin for the
controller
interrupt
interrupt controller.
Serial interface SCLKI0/
UART transmit/
Input/output
When channel is in UART mode:
SCLKO0,
receive clock output
This pin outputs a clock derived from BRG output by
SCLKI1/
or CSIO transmit/
dividing it by 2.
SCLKO1,
receive clock
When channel is in CSIO mode:
SCLKI4/
input/output
This pin inputs a transmit/receive clock when external
SCLKO4,
clock is selected or outputs a transmit/receive clock
SCLKI5/
when internal clock is selected.
SCLKO5
1.3 Pin Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com