Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 69Page - Renesas Technology Corp 32186 Datasheet HTML 70Page - Renesas Technology Corp 32186 Datasheet HTML 71Page - Renesas Technology Corp 32186 Datasheet HTML 72Page - Renesas Technology Corp 32186 Datasheet HTML 73Page - Renesas Technology Corp 32186 Datasheet HTML 74Page - Renesas Technology Corp 32186 Datasheet HTML 75Page - Renesas Technology Corp 32186 Datasheet HTML 76Page - Renesas Technology Corp 32186 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1032 page
background image
3
ADDRESS SPACE
3-23
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (15/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 07E0
PWMOFF0 Input Processing Control Register
TIN24,25 Input Processing Control Register
10-166
(PWMOFF0CR)
(TIN2425CR)
10-26
H'0080 07E2
TIN24,25 Interrupt Request Mask Register
TIN24,25 Interrupt Request Status Register
10-52
(TIN2425IMA)
(TIN2425IST)
(Use inhibited area)
H'0080 07E8
Virtual Flash L Bank Register 0
6-24
(FELBANK0)
H'0080 07EA
Virtual Flash L Bank Register 1
6-24
(FELBANK1)
H'0080 07EC
Virtual Flash L Bank Register 2
6-24
(FELBANK2)
H'0080 07EE
Virtual Flash L Bank Register 3
6-24
(FELBANK3)
H'0080 07F0
Virtual Flash L Bank Register 4 (Note 2)
6-24
(FELBANK4)
H'0080 07F2
Virtual Flash L Bank Register 5 (Note 2)
6-24
(FELBANK5)
H'0080 07F4
Virtual Flash L Bank Register 6 (Note 2)
6-24
(FELBANK6)
H'0080 07F6
Virtual Flash L Bank Register 7 (Note 2)
6-24
(FELBANK7)
(Use inhibited area)
H'0080 0A00
SIO45 Interrupt Request Status Register
SIO45 Interrupt Request Mask Register
12-9
(SI45STAT)
(SI45MASK)
12-10
H'0080 0A02
SIO45 Interrupt Request Source Select Register
(Use inhibited area)
12-11
(SI45SEL)
(Use inhibited area)
H'0080 0A10
SIO4 Transmit Control Register
SIO4 Transmit/Receive Mode Register
12-14
(S4TCNT)
(S4MOD)
12-15
H'0080 0A12
SIO4 Transmit Buffer Register
12-19
(S4TXB)
H'0080 0A14
SIO4 Receive Buffer Register
12-20
(S4RXB)
H'0080 0A16
SIO4 Receive Control Register
SIO4 Baud Rate Register
12-21
(S4RCNT)
(S4BAUR)
12-24
H'0080 0A18
SIO4 Special Mode Register
(Use inhibited area)
12-27
(S4SMOD)
(Use inhibited area)
H'0080 0A20
SIO5 Transmit Control Register
SIO5 Transmit/Receive Mode Register
12-14
(S5TCNT)
(S5MOD)
12-15
H'0080 0A22
SIO5 Transmit Buffer Register
12-19
(S5TXB)
H'0080 0A24
SIO5 Receive Buffer Register
12-20
(S5RXB)
H'0080 0A26
SIO5 Receive Control Register
SIO5 Baud Rate Register
12-21
(S5RCNT)
(S5BAUR)
12-24
H'0080 0A28
SIO5 Special Mode Register
(Use inhibited area)
12-27
(S5SMOD)
(Use inhibited area)
H'0080 0B8C
TID1 Counter
10-140
(TID1CT)
H'0080 0B8E
TID1 Reload Register
10-140
(TID1RL)
H'0080 0B90
TOU1_0 Counter
(Upper)
10-157
(TOU10CTW)
(TOU10CTH)
H'0080 0B92
(Lower)
10-159
(TOU10CT)
H'0080 0B94
TOU1_0 Reload Register
TOU1_0 Reload 1 Register
10-160
(TOU10RLW)
(TOU10RL1)
10-162
H'0080 0B96
TOU1_0 Reload 0 Register
10-161
(TOU10RL0)
H'0080 0B98
TOU1_1 Counter
(Upper)
10-157
(TOU11CTW)
(TOU11CTH)
H'0080 0B9A
(Lower)
10-159
(TOU11CT)
|
|
|
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com