Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32186 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 65Page - Renesas Technology Corp 32186 Datasheet HTML 66Page - Renesas Technology Corp 32186 Datasheet HTML 67Page - Renesas Technology Corp 32186 Datasheet HTML 68Page - Renesas Technology Corp 32186 Datasheet HTML 69Page - Renesas Technology Corp 32186 Datasheet HTML 70Page - Renesas Technology Corp 32186 Datasheet HTML 71Page - Renesas Technology Corp 32186 Datasheet HTML 72Page - Renesas Technology Corp 32186 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1032 page
background image
3
ADDRESS SPACE
3-19
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
SFR Area Register Map (11/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 0482
(Use inhibited area)
DMA1 Channel Control Register 2
9-26
(DM1CNT2)
H'0080 0484
(Use inhibited area)
DMA2 Channel Control Register 2
9-26
(DM2CNT2)
H'0080 0486
(Use inhibited area)
DMA3 Channel Control Register 2
9-26
(DM3CNT2)
H'0080 0488
(Use inhibited area)
DMA4 Channel Control Register 2
9-26
(DM4CNT2)
(Use inhibited area)
H'0080 0490
(Use inhibited area)
DMA5 Channel Control Register 2
9-26
(DM5CNT2)
H'0080 0492
(Use inhibited area)
DMA6 Channel Control Register 2
9-26
(DM6CNT2)
H'0080 0494
(Use inhibited area)
DMA7 Channel Control Register 2
9-26
(DM7CNT2)
H'0080 0496
(Use inhibited area)
DMA8 Channel Control Register 2
9-26
(DM8CNT2)
H'0080 0498
(Use inhibited area)
DMA9 Channel Control Register 2
9-26
(DM9CNT2)
(Use inhibited area)
H'0080 0500
Port Group 0,1 Input Level Setting Register
Port Group 3 Input Level Setting Register
8-33
(PG01LEV)
(PG3LEV)
H'0080 0502
Port Group 4,5 Input Level Setting Register
Port Group 6,7 Input Level Setting Register
8-33
(PG45LEV)
(PG67LEV)
H'0080 0504
Port Group 8 Input Level Setting Register
(Use inhibited area)
8-33
(PG8LEV)
H'0080 0506
(Use inhibited area)
H'0080 0508
Port Group 0,1 Output Drive Capability Setting Register
Port Group 3 Output Drive Capability Setting Register
8-35
(PG01DRV)
(PG3DRV)
H'0080 050A
Port Group 4,5 Output Drive Capability Setting Register
Port Group 6,7 Output Drive Capability Setting Register
8-35
(PG45DRV)
(PG67DRV)
H'0080 050C
Port Group 8 Output Drive Capability Setting Register
P70 Output Drive Capability Setting Register
8-35
(PG8DRV)
(P70DRV)
8-36
H'0080 050E
(Use inhibited area)
H'0080 0510
Noise Canceller Control Register
8-38
(NZCNSLCR)
(Use inhibited area)
H'0080 0520
PWM Output 0 Disable Control Register GA
PWM Output 0 Disable Level Control Register GA
10-168
(PO0DISGACR)
(PO0LVGACR)
10-171
H'0080 0522
PWM Output 1 Disable Control Register GA
PWM Output 1 Disable Level Control Register GA
10-168
(PO1DISGACR)
(PO1LVGACR)
10-171
H'0080 0524
(Use inhibited area)
H'0080 0526
PWMOFF 0 Function Enable Register
PWMOFF 1 Function Enable Register
10-173
(PWMOFF0EN)
(PWMOFF1EN)
H'0080 0528
(Use inhibited area)
H'0080 052A
CAN Bus Mode Control Register
DD Input Pin Select Register
13-23
(CANBUSCR)
(DDSEL)
14-6
(Use inhibited area)
H'0080 0530
RAM Write Monitor Interrupt Status Register
6-4
(RAMWRIST)
H'0080 0532
(Use inhibited area)
H'0080 0534
RAM Write Source Status Register
6-5
(RAMWRFST)
H'0080 0536
(Use inhibited area)
H'0080 0538
RAM Write Disable Control Register
6-6
(RAMWRCNT)
H'0080 053A
(Use inhibited area)
|
|
|
|
3.4 Internal RAM and SFR Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com