Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 452Page - Renesas Technology Corp SH7052 Datasheet HTML 453Page - Renesas Technology Corp SH7052 Datasheet HTML 454Page - Renesas Technology Corp SH7052 Datasheet HTML 455Page - Renesas Technology Corp SH7052 Datasheet HTML 456Page - Renesas Technology Corp SH7052 Datasheet HTML 457Page - Renesas Technology Corp SH7052 Datasheet HTML 458Page - Renesas Technology Corp SH7052 Datasheet HTML 459Page - Renesas Technology Corp SH7052 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 919 page
background image
430
13.2
Register Descriptions
13.2.1
Compare Match Timer Start Register (CMSTR)
The compare match timer start register (CMSTR) is a 16-bit register that selects whether to
operate or halt the channel 0 and channel 1 counters (CMCNT). It is initialized to H'0000 by a
power-on reset and in the standby modes.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
—
—
STR1
STR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R/W
R/W
• Bits 15 to 2—Reserved: These bits always read 0. The write value should always be 0.
• Bit 1—Count Start 1 (STR1): Selects whether to operate or halt compare match timer counter
1.
Bit 1: STR1
Description
0
CMCNT1 count operation halted
(Initial value)
1
CMCNT1 count operation
• Bit 0—Count Start 0 (STR0): Selects whether to operate or halt compare match timer counter
0.
Bit 0: STR0
Description
0
CMCNT0 count operation halted
(Initial value)
1
CMCNT0 count operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com