Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 455Page - Renesas Technology Corp SH7052 Datasheet HTML 456Page - Renesas Technology Corp SH7052 Datasheet HTML 457Page - Renesas Technology Corp SH7052 Datasheet HTML 458Page - Renesas Technology Corp SH7052 Datasheet HTML 459Page - Renesas Technology Corp SH7052 Datasheet HTML 460Page - Renesas Technology Corp SH7052 Datasheet HTML 461Page - Renesas Technology Corp SH7052 Datasheet HTML 462Page - Renesas Technology Corp SH7052 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 919 page
background image
433
13.2.4
Compare Match Timer Constant Register (CMCOR)
The compare match timer constant register (CMCOR) is a 16-bit register that sets the period for
compare match with CMCNT.
CMCOR is initialized to H'FFFF by a power-on reset and in the standby modes. It is not initialized
by a manual reset.
Bit:
15
14
13
12
11
10
9
8
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
13.3
Operation
13.3.1
Cyclic Count Operation
When an internal clock is selected with the CKS1, CKS0 bits of the CMCSR register and the STR
bit of CMSTR is set to 1, CMCNT begins incrementing with the selected clock. When the
CMCNT counter value matches that of the compare match constant register (CMCOR), the
CMCNT counter is cleared to H'0000 and the CMF flag of the CMCSR register is set to 1. If the
CMIE bit of the CMCSR register is set to 1 at this time, a compare match interrupt (CMI) is
requested. The CMCNT counter begins counting up again from H'0000.
Figure 13.2 shows the compare match counter operation.
CMCOR
H'0000
CMCNT value
Time
Counter cleared by
CMCOR compare match
Figure 13.2 Counter Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com