Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 456Page - Renesas Technology Corp SH7052 Datasheet HTML 457Page - Renesas Technology Corp SH7052 Datasheet HTML 458Page - Renesas Technology Corp SH7052 Datasheet HTML 459Page - Renesas Technology Corp SH7052 Datasheet HTML 460Page - Renesas Technology Corp SH7052 Datasheet HTML 461Page - Renesas Technology Corp SH7052 Datasheet HTML 462Page - Renesas Technology Corp SH7052 Datasheet HTML 463Page - Renesas Technology Corp SH7052 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 919 page
background image
434
13.3.2
CMCNT Count Timing
One of four clocks (P
φ/8, Pφ/32, Pφ/128, Pφ/512) obtained by dividing the peripheral clock (Pφ)
can be selected by the CKS1 and CKS0 bits of CMCSR. Figure 13.3 shows the timing.
P
φ
N – 1
N
N + 1
Internal clock
CMCNT input
clock
CMCNT
Figure 13.3 Count Timing
13.4
Interrupts
13.4.1
Interrupt Sources and DTC Activation
The CMT has a compare match interrupt for each channel, with independent vector addresses
allocated to each of them. The corresponding interrupt request is output when interrupt request
flag CMF is set to 1 and interrupt enable bit CMIE has also been set to 1.
When activating CPU interrupts by interrupt request, the priority between the channels can be
changed by means of interrupt controller settings. See section 6, Interrupt Controller, for details.
13.4.2
Compare Match Flag Set Timing
The CMF bit of the CMCSR register is set to 1 by the compare match signal generated when the
CMCOR register and the CMCNT counter match. The compare match signal is generated upon
the final state of the match (timing at which the CMCNT counter matching count value is
updated). Consequently, after the CMCOR register and the CMCNT counter match, a compare
match signal will not be generated until a CMCNT counter input clock occurs. Figure 13.4 shows
the CMF bit set timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com