Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7052 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 454Page - Renesas Technology Corp SH7052 Datasheet HTML 455Page - Renesas Technology Corp SH7052 Datasheet HTML 456Page - Renesas Technology Corp SH7052 Datasheet HTML 457Page - Renesas Technology Corp SH7052 Datasheet HTML 458Page - Renesas Technology Corp SH7052 Datasheet HTML 459Page - Renesas Technology Corp SH7052 Datasheet HTML 460Page - Renesas Technology Corp SH7052 Datasheet HTML 461Page - Renesas Technology Corp SH7052 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 919 page
background image
432
• Bits 1 and 0—Clock Select 1 and 0 (CKS1, CKS0): These bits select the clock input to
CMCNT from among the four internal clocks obtained by dividing the peripheral clock (P
φ).
When the STR bit of CMSTR is set to 1, CMCNT begins incrementing with the clock selected
by CKS1 and CKS0.
Bit 1: CKS1
Bit 0: CKS0
Description
00P
φ/8
(Initial value)
1P
φ/32
10P
φ/128
1P
φ/512
13.2.3
Compare Match Timer Counter (CMCNT)
The compare match timer counter (CMCNT) is a 16-bit register used as an up-counter for
generating interrupt requests.
When an internal clock is selected with the CKS1 and CKS0 bits of the CMCSR register and the
STR bit of CMSTR is set to 1, CMCNT begins incrementing with that clock. When the CMCNT
value matches that of the compare match timer constant register (CMCOR), CMCNT is cleared to
H'0000 and the CMF flag of CMCSR is set to 1. If the CMIE bit of CMCSR is set to 1 at this time,
a compare match interrupt (CMI) is requested.
CMCNT is initialized to H'0000 by a power-on reset and in the standby modes. It is not initialized
by a manual reset.
Bit:
15
14
13
12
11
10
9
8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com