Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 361Page - Renesas Technology Corp M30620ECFS Datasheet HTML 362Page - Renesas Technology Corp M30620ECFS Datasheet HTML 363Page - Renesas Technology Corp M30620ECFS Datasheet HTML 364Page - Renesas Technology Corp M30620ECFS Datasheet HTML 365Page - Renesas Technology Corp M30620ECFS Datasheet HTML 366Page - Renesas Technology Corp M30620ECFS Datasheet HTML 367Page - Renesas Technology Corp M30620ECFS Datasheet HTML 368Page - Renesas Technology Corp M30620ECFS Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
350
(4) How to deal with an error
When receiving data, read an error flag and reception data simultaneously to determine which error
has occurred. If the data read is erroneous, initialize the error flag and the UARTi receive buffer
register, then receive the data again.
To initialize the UARTi receive buffer register
1. Set the receive enable bit to “0” (disable reception).
2. Set the receive enable bit to “1” again (enable reception).
To transmit data again due to an error on the reception side, set the UARTi transmit buffer register
again, then transmit the data again.
To set the UARTi transmit buffer register again
1. Set the serial I/O mode select bits to “0002” (invalidate serial I/O).
2. Set the serial I/O mode select bits again.
3. Set the transmit enable bit to “1” (enable transmission), then set transmission data in the UARTi
transmit buffer register.
(5) Functions selection
In operating UART, the following functions can be used:
_______ _______
(a) CTS/RTS function
_______
CTS function is a function in which an external IC can start transmission/reception by means of
_______
_______
inputting an “L” level to the CTS pin. The CTS pin input level is detected when transmission/reception
starts, so if the level is gone to“ H” while transmission/reception is in progress, transmission/recep-
tion stops at the next data.
_______
_______
RTS function is a function to inform an external IC that RTS pin output level has changed to “L” when
_______
reception is ready. RTS regoes to “H” at the falling edge of the transfer clock.
_______ _______
When using clock-asynchronous serial I/O, choose one of four types of CTS/RTS functions.
_______ _______
• CTS/RTS functions disabled
_______ _______
CTS/RTS pin is a programmable I/O port.
_______
• CTS function only enabled
_______ _______
_______
CTS/RTS pin performs the CTS function.
_______
• RTS function only enabled
_______ _______
_______
CTS/RTS pin performs the RTS function.
_______ _______
• CTS/RTS separation function
_______
P60 pin performs the RTS function, and P64 pin per-
_______
_______ _______
forms the CTS function. When CTS/RTS separation
_______ _______
function is selected, CTS/RTS function cannot select
simultaneously.
(b) Sleep mode
Sleep mode is a mode in which data is transferred to a particular microcomputer among those con-
nected by use of clock-asynchronous serial I/O devices.
(c) Data logic select function
This function is to reserve data when writing to transmit buffer register or reading from receive buffer
register.
(d) TxD, RxD I/O polarity reverse function
This function receive a polarity of TxD port output level and a polarity of RxD port input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com