Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 364Page - Renesas Technology Corp M30620ECFS Datasheet HTML 365Page - Renesas Technology Corp M30620ECFS Datasheet HTML 366Page - Renesas Technology Corp M30620ECFS Datasheet HTML 367Page - Renesas Technology Corp M30620ECFS Datasheet HTML 368Page - Renesas Technology Corp M30620ECFS Datasheet HTML 369Page - Renesas Technology Corp M30620ECFS Datasheet HTML 370Page - Renesas Technology Corp M30620ECFS Datasheet HTML 371Page - Renesas Technology Corp M30620ECFS Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 621 page
background image
UART
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
353
b7
UARTi bit rate generator
b0
Symbol
Address
When reset
U0BRG
03A116
Indeterminate
U1BRG
03A916
Indeterminate
U2BRG
037916
Indeterminate
Function
Assuming that set value = n, BRGi divides the count source by
n + 1
0016 to FF16
Values that can be set
W
R
b7
b0
(b15)
(b8)
b7
b0
UARTi transmit buffer register
Function
Transmit data
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turn out to be indeterminate.
Symbol
Address
When reset
U0TB
03A316, 03A216
Indeterminate
U1TB
03AB16, 03AA16
Indeterminate
U2TB
037B16, 037A16
Indeterminate
W
R
(b15)
Symbol
Address
When reset
U0RB
03A716, 03A616
Indeterminate
U1RB
03AF16, 03AE16
Indeterminate
U2RB
037F16, 037E16
Indeterminate
b7
b0
(b8)
b7
b0
UARTi receive buffer register
Function
(During UART mode)
Function
(During clock synchronous
serial I/O mode)
Bit name
Bit
symbol
0 : No framing error
1 : Framing error found
0 : No parity error
1 : Parity error found
0 : No error
1 : Error found
Note 1: Bits 15 through 12 are set to “0” when the serial I/O mode select bit (bits 2 to 0 at addresses 03A016,
03A816 and 037816) are set to “0002” or the receive enable bit is set to “0”.
(Bit 15 is set to “0” when bits 14 to 12 all are set to “0”.) Bits 14 and 13 are also set to “0” when the
lower byte of the UARTi receive buffer register (addresses 03A616, 03AE16 and 037E16) is read out.
Note 2: Arbitration lost detecting flag is allocated to U2RB and noting but “0” may be written. Nothing is
assigned in bit 11 of U0RB and U1RB. These bits can neither be set or reset. When read, the value
of this bit is “0”.
Invalid
Invalid
Invalid
OER
FER
PER
SUM
Overrun error flag (Note 1)
Framing error flag (Note 1)
Parity error flag (Note 1)
Error sum flag (Note 1)
0 : No overrun error
1 : Overrun error found
0 : No overrun error
1 : Overrun error found
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Receive data
W
R
Receive data
ABT
Arbitration lost detecting
flag (Note 2)
Invalid
0 : Not detected
1 : Detected
Figure 2.5.3. UARTi-related registers (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com