Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 406Page - Renesas Technology Corp M30620ECFS Datasheet HTML 407Page - Renesas Technology Corp M30620ECFS Datasheet HTML 408Page - Renesas Technology Corp M30620ECFS Datasheet HTML 409Page - Renesas Technology Corp M30620ECFS Datasheet HTML 410Page - Renesas Technology Corp M30620ECFS Datasheet HTML 411Page - Renesas Technology Corp M30620ECFS Datasheet HTML 412Page - Renesas Technology Corp M30620ECFS Datasheet HTML 413Page - Renesas Technology Corp M30620ECFS Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
395
Figure 2.7.12. Set-up procedure of one-shot mode, with external op-amp connection mode selected
b7
b0
1
Setting A-D conversion start flag
A-D control register 0 [Address 03D616]
ADCON0
A-D conversion start flag
1 : A-D conversion started
Reading conversion result
Eight low-order bits of A-D conversion result
b7
b0
(b15)
(b8)
b7
b0
A-D register 0
[Address 03C116, 03C016]AD0
A-D register 1
[Address 03C316, 03C216]AD1
A-D register 2
[Address 03C516, 03C416]AD2
A-D register 3
[Address 03C716, 03C616]AD3
A-D register 4
[Address 03C916, 03C816]AD4
A-D register 5
[Address 03CB16, 03CA16]AD5
A-D register 6
[Address 03CD16, 03CC16]AD6
A-D register 7
[Address 03CF16, 03CE16]AD7
During 10-bit mode
Two high-order bits of A-D conversion result
During 8-bit mode
When read, the content is indeterminate
Start A-D conversion
Stop A-D conversion
b7
b0
Selecting Sample and hold
A-D control register 2 [Address 03D416]
ADCON2
A-D conversion method select bit
1 : With sample and hold
1
b7
b0
Setting A-D control register 0 and A-D control register 1
A-D control register 0 [Address 03D616]
ADCON0
Analog input pin select bit (Note)
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4 is selected
1 0 1 : AN5 is selected
1 1 0 : AN6 is selected
1 1 1 : AN7 is selected
b2 b1 b0
b7
b0
A-D control register 1 [Address 03D716]
ADCON1
A-D operation mode select bit 1 (Note)
0 (Must always be “0” in one-shot mode)
8/10-bit mode select bit
0 : 8-bit mode
1 : 10-bit mode
Frequency select bit 1
0 : fAD/2 or fAD/4 is selected
1 : fAD is selected
One-shot mode is selected (Note)
Trigger select bit
0 : Software trigger
A-D conversion start flag
0 : A-D conversion disabled
Frequency select bit 0
0 : fAD/4 is selected
1 : fAD/2 is selected
0
00
0
Invalid in one-shot mode
Vref connect bit
1 : Vref connected
External op-amp connection mode bit
1 1 : External op-amp connection mode
b7 b6
11
0
1
Note: Rewrite to analog input pin select bit after changing A-D operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com