Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 407Page - Renesas Technology Corp M30620ECFS Datasheet HTML 408Page - Renesas Technology Corp M30620ECFS Datasheet HTML 409Page - Renesas Technology Corp M30620ECFS Datasheet HTML 410Page - Renesas Technology Corp M30620ECFS Datasheet HTML 411Page - Renesas Technology Corp M30620ECFS Datasheet HTML 412Page - Renesas Technology Corp M30620ECFS Datasheet HTML 413Page - Renesas Technology Corp M30620ECFS Datasheet HTML 414Page - Renesas Technology Corp M30620ECFS Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
396
In repeat mode, choose functions from those listed in Table 2.7.6. Operations of the circled items are
described below. Figure 2.7.13 shows timing chart, and Figure 2.7.14 shows the set-up procedure.
2.7.6 Operation of A-D Converter (in repeat mode)
Item
Item
Set-up
Set-up
Operation clock
φAD
Divided-by-4 fAD / divided-
by-2 fAD / fAD
8-bit / 10-bit
Software trigger
Sample & Hold
External operation amplifier
connection mode
Not activated
Activated
Expanded analog
input pin
Not used
Either ANEX0 pin or
ANEX1 pin
O
O
O
Resolution
Analog input pin
One of AN0 pin to AN7 pin
Trigger for starting
A-D conversion
O
O
O
Trigger by ADTRG
(1) Setting the A-D conversion start flag to “1” causes the A-D converter to start operating.
(2) After the first conversion is completed, the content of the successive comparison register
(conversion result) is transmitted to A-D register i. The A-D conversion interrupt request bit
does not go to “1”.
(3) The A-D converter continues operating until the A-D conversion start flag is set to “0” by
software. The conversion result is transmitted to A-D register i every time a conversion is
completed.
Table 2.7.6. Choosed functions
Operation
Figure 2.7.13. Operation timing of repeat mode
A-D conversion
start flag
“1”
“0”
A-D register i
Result
Set to “1” by software
φAD
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
(1) Start A-D conversion
(2) Conversion result is transferred to the A-D register
(3) A-D conversion
is complete
Cleared to “0” by software
A-D conversion
Result
Stop
Convert
Convert
Convert
Stop
Note: When φAD frequency is less than 1MHz, sample and hold function cannot be selected.
Conversion rate per analog input pin is 49
φAD cycles for 8-bit resolution and 59 φAD cycles
for 10-bit resolution.
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com