Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 411Page - Renesas Technology Corp M30620ECFS Datasheet HTML 412Page - Renesas Technology Corp M30620ECFS Datasheet HTML 413Page - Renesas Technology Corp M30620ECFS Datasheet HTML 414Page - Renesas Technology Corp M30620ECFS Datasheet HTML 415Page - Renesas Technology Corp M30620ECFS Datasheet HTML 416Page - Renesas Technology Corp M30620ECFS Datasheet HTML 417Page - Renesas Technology Corp M30620ECFS Datasheet HTML 418Page - Renesas Technology Corp M30620ECFS Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
400
In repeat sweep 0 mode, choose functions from those listed in Table 2.7.8. Operations of the circled items
are described below. Figure 2.7.17 shows timing chart, and Figure 2.7.18 shows the set-up procedure.
2.7.8 Operation of A-D Converter (in repeat sweep mode 0)
Item
Item
Set-up
Set-up
Operation clock AD
Divided-by-4 fAD / divided-
by-2 fAD / fAD
8-bit / 10-bit
External ope-amp
connection mode
Expanded analog
input pin
Not used
O
O
Resolution
Analog input pin
AN0 and AN1 (2 pins) / AN0
to AN3 (4 pins) / AN0 to AN5
(6 pins) / AN0 to AN7 (8 pins)
O
O
Software trigger
Trigger for starting
A-D conversion
O
Trigger by ADTRG
Sample & Hold
Not activated
Activated
O
Operation
Table 2.7.8. Choosed functions
(1) Setting the A-D conversion start flag to “1” causes the A-D converter to start the conversion
on voltage input to the AN0 pin.
(2) After the A-D conversion of voltage input to the AN0 pin is completed, the content of the
successive comparison register (conversion result) is transmitted to A-D register 0.
(3) The A-D converter converts all pins selected by the user. The conversion result is transmitted
to A-D register i corresponding to each pin every time A-D conversion on the pin is com-
pleted. The A-D conversion interrupt request bit does not go to “1”.
(4) The A-D converter continues operating until the A-D conversion start flag is set to “0” by
software.
(2) AN1 conversion begins after AN0
conversion is complete
A-D
conversion
start flag
“1”
“0”
A-D register 0
A-D register 1
φAD
A-D register i
Result
Result
Result
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
8-bit resolution : 28
φAD cycles
10-bit resolution : 33
φAD cycles
(3) Consecutive conversion
A-D conversion
is complete
(1) Start A-D conversion
Set to “1” by software.
Cleared to “0” by software
Note: When φAD frequency is less than 1MHZ, sample and hold function cannot be selected.
Conversion rate per analog input pin is 49
φAD cycles for 8-bit resolution and 59 φAD cycles for 10-bit resolution.
(4)
Figure 2.7.17. Operation timing of repeat sweep 0 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com