Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 415Page - Renesas Technology Corp M30620ECFS Datasheet HTML 416Page - Renesas Technology Corp M30620ECFS Datasheet HTML 417Page - Renesas Technology Corp M30620ECFS Datasheet HTML 418Page - Renesas Technology Corp M30620ECFS Datasheet HTML 419Page - Renesas Technology Corp M30620ECFS Datasheet HTML 420Page - Renesas Technology Corp M30620ECFS Datasheet HTML 421Page - Renesas Technology Corp M30620ECFS Datasheet HTML 422Page - Renesas Technology Corp M30620ECFS Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
404
2.7.10 Precautions for A-D Converter
AVSS
AVCC
VREF
ANi
Microcomputer
C1
C2
C3
C1 0.47 µF, C2 0.47 µF, C3 100 pF
(for reference)
Use thick and shortest possible wiring
to connect capacitors.
Note 1:
Note 2:
VCC
Figure 2.7.22. Use of capacitors to reduce noice
(1) Write to each bit (except bit 6) of A-D control register 0, to each bit of A-D control register 1,
and to bit 0 of A-D control register 2 when A-D conversion is stopped (before a trigger occurs).
In particular, when the Vref connection bit is changed from 0 to 1, start A-D conversion after
an elapse of 1
µs or longer.
(2) To reduce conversion error due to noise, connect a voltage to the AVcc pin and to the Vref pin from
an independent source. It is recommended to connect a capacitor between the AVss pin and the
AVcc pin, between the AVss pin and the Vref pin, and between the AVss pin and the analog input
pin (ANi). Figure 2.7.22 shows the an example of connecting the capacitors to these pins.
(3) Set the direction register of the following ports to input: the port corresponding to a pin to be
used as an analog input pin and external trigger input pin (P97).
(4) In using a key-input interrupt, none of the 4 pins (AN4 through AN7) can be used as an A-D
conversion port (if the A-D input voltage goes to “L” level, a key-input interrupt occurs).
(5) If using the A-D converter with Vcc = 2.7V to 4.0 V:
Use only a divided frequency for fAD (undivided fAD is not allowed).
Select without the Sample & Hold feature.
Select 8-bit mode.
(6) Rewrite to analog input pin after changing A-D operation mode. The two cannot be set at the
same time.
(7) When using the one-shot or single sweep mode
Confirm that A-D conversion is complete before reading the A-D register.
(Note: When A-D conversion interrupt request bit is set, it shows that A-D conversion is completed.)
(8) When using the repeat mode or repeat sweep mode 0 or 1
Use the undivided main clock as the internal CPU clock.
(9) Use AD under 10 MHz. When XIN is over 10 MHz, divide it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com