Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 417Page - Renesas Technology Corp M30620ECFS Datasheet HTML 418Page - Renesas Technology Corp M30620ECFS Datasheet HTML 419Page - Renesas Technology Corp M30620ECFS Datasheet HTML 420Page - Renesas Technology Corp M30620ECFS Datasheet HTML 421Page - Renesas Technology Corp M30620ECFS Datasheet HTML 422Page - Renesas Technology Corp M30620ECFS Datasheet HTML 423Page - Renesas Technology Corp M30620ECFS Datasheet HTML 424Page - Renesas Technology Corp M30620ECFS Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 621 page
background image
A-D Converter
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
406
Figure 2.7.23. Theoretical A-D conversion characteristics (10-bit mode)
Table 2.7.11. Variation of the successive comparison register and Vref while A-D conversion is in
progress (10-bit mode)
00016
00116
00216
00316
3FE16
3FF16
Result of A-D conversion
Analog input voltage
VREF
1024
x 1
VREF
1024
x 2
VREF
1024
x 3
x 1021
VREF
1024
VREF
1024
x 1022
VREF
1024
x 1023
VREF
VREF
1024
x 0.5
Theoretical A-D
conversion characteristic
Ideal A-D conversion
characteristic
0
1
1
n9
0 0 0000 000
0 0 0000 000
1 0 0000 000
n9 n8 10000 000
n9 n8 n7 n6 n5 n4 n3 n2 n1 0
n9 n8 n7 n6 n5 n4 n3 n2 n1 n0
b9
b0
1st comparison result
2nd comparison result
Successive approximation register
Vref change
A-D converter stopped
1st comparison
2nd comparison
3rd comparison
10th comparison
Conversion complete
VREF
±
±
2
VREF
4
VREF
8
VREF
± ...... ±
VREF
1024
–
2048
VREF
[V]
2
[V]
–
2
VREF
2048
VREF
[V]
±
±
2
VREF
4
VREF
8
VREF
–
2048
VREF
[V]
4
n9 = 1
+
n9 = 0
–
n8 = 1
+
8
VREF
n8 = 0
–
±
2
VREF
4
VREF
–
2048
VREF
[V]
4
VREF
VREF
8
VREF
This data transfers to the bit 0
to bit 9 of A-D register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com