Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 429Page - Renesas Technology Corp M30620ECFS Datasheet HTML 430Page - Renesas Technology Corp M30620ECFS Datasheet HTML 431Page - Renesas Technology Corp M30620ECFS Datasheet HTML 432Page - Renesas Technology Corp M30620ECFS Datasheet HTML 433Page - Renesas Technology Corp M30620ECFS Datasheet HTML 434Page - Renesas Technology Corp M30620ECFS Datasheet HTML 435Page - Renesas Technology Corp M30620ECFS Datasheet HTML 436Page - Renesas Technology Corp M30620ECFS Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 621 page
background image
DMAC
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
418
Figure 2.9.2. DMAC-related registers (1)
DMA1 request cause select register
Symbol
Address
When reset
DM1SL
03BA16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
DMA request cause
select bit
DSEL0
RW
DSEL1
DSEL2
DSEL3
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Software DMA
request bit
If software trigger is selected, a
DMA request is generated by
setting this bit to “1” (When read,
the value of this bit is always “0”)
DSR
b3 b2 b1 b0
0 0 0 0 : Falling edge of INT1 pin
0 0 0 1 : Software trigger
0 0 1 0 : Timer A0
0 0 1 1 : Timer A1
0 1 0 0 : Timer A2
0 1 0 1 : Timer A3(DMS=0)
/serial I/O3 (DMS=1)
0 1 1 0 : Timer A4 (DMS=0)
/serial I/O4 (DMS=1)
0 1 1 1 : Timer B0 (DMS=0)
/two edges of INT1 (DMS=1)
1 0 0 0 : Timer B1
1 0 0 1 : Timer B2
1 0 1 0 : UART0 transmit
1 0 1 1 : UART0 receive
1 1 0 0 : UART2 transmit
1 1 0 1 : UART2 receive
1 1 1 0 : A-D conversion
1 1 1 1 : UART1 receive
Bit name
DMA request cause
expansion bit
DMS
0 : Normal
1 : Expanded cause
DMA0 request cause select register
Symbol
Address
When reset
DM0SL
03B816
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
DMA request cause
select bit
DSEL0
RW
DSEL1
DSEL2
DSEL3
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Software DMA
request bit
If software trigger is selected, a
DMA request is generated by
setting this bit to “1” (When read,
the value of this bit is always “0”)
DSR
b3 b2 b1 b0
0 0 0 0 : Falling edge of INT0 pin
0 0 0 1 : Software trigger
0 0 1 0 : Timer A0
0 0 1 1 : Timer A1
0 1 0 0 : Timer A2
0 1 0 1 : Timer A3
0 1 1 0 : Timer A4 (DMS=0)
/two edges of INT0 pin (DMS=1)
0 1 1 1 : Timer B0 (DMS=0)
Timer B3 (DMS=1)
1 0 0 0 : Timer B1 (DMS=0)
Timer B4 (DMS=1)
1 0 0 1 : Timer B2 (DMS=0)
Timer B5 (DMS=1)
1 0 1 0 : UART0 transmit
1 0 1 1 : UART0 receive
1 1 0 0 : UART2 transmit
1 1 0 1 : UART2 receive
1 1 1 0 : A-D conversion
1 1 1 1 : UART1 transmit
Bit name
DMA request cause
expansion bit
DMS
0 : Normal
1 : Expanded cause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com