Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 435 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 435 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 431Page - Renesas Technology Corp M30620ECFS Datasheet HTML 432Page - Renesas Technology Corp M30620ECFS Datasheet HTML 433Page - Renesas Technology Corp M30620ECFS Datasheet HTML 434Page - Renesas Technology Corp M30620ECFS Datasheet HTML 435Page - Renesas Technology Corp M30620ECFS Datasheet HTML 436Page - Renesas Technology Corp M30620ECFS Datasheet HTML 437Page - Renesas Technology Corp M30620ECFS Datasheet HTML 438Page - Renesas Technology Corp M30620ECFS Datasheet HTML 439Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 435 / 621 page
background image
DMAC
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
420
In one-shot transfer mode, choose functions from the items shown in Table 2.9.1. Operations of the
circled items are described below. Figure 2.9.4 shows an example of operation and Figure 2.9.5
shows the set-up procedure.
2.9.2 Operation of DMAC (one-shot transfer mode)
Figure 2.9.4. Example of operation of one-shot transfer mode
Dummy
cycle
Source
Source
Dummy
cycle
Dummy
cycle
BCLK
Address bus
RD signal
WR signal
Data bus
DMAi
request bit
DMA transfer
counter
DMAi
interrupt
request bit
DMAi
enable bit
Write signal to
software DMAi
request bit
CPU use
Source
Source
Dummy
cycle
Indeterminate
0016
• In the case in which the number of transfer times is set to 2.
(1) Request signal for a DMA transfer occurs
Cleared to “0” when interrupt request is
accepted, or cleared by software
(2) Data transfer begins
CPU use
CPU use
FF16
(3) Underflow
CPU use
CPU use
CPU use
Destination
Destination
Destination
Destination
0116
Table 2.9.1. Choosed functions
Item
Transfer space
Unit of transfer
Set-up
O
O
Fixed address from an arbitrary 1 M bytes space
Arbitrary 1 M bytes space from a fixed address
Fixed address from fixed address
8 bits
16 bits
Operation (1) When software trigger is selected, setting software DMA request bit to “1” generates a DMA
transfer request signal.
(2) If DMAC is active, data transfer starts, and the contents of the address indicated by the DMAi
forward-direction address pointer are transferred to the address indicated by the DMAi desti-
nation pointer. When data transfer starts directly after DMAC becomes active, the value of
the DMAi transfer counter reload register is reloaded to the DMAi transfer counter, and the
value of the DMAi source pointer is reloaded by the DMAi forward-direction address pointer.
Each time a DMA transfer request signal is generated, 1 byte of data is transferred. The
DMAi transfer counter is down counted, and the DMAi forward-direction address pointer is up
counted.
(3) If the DMA transfer counter underflows, the DMA enable bit changes to “0” and DMA transfer
is completed. The DMA interrupt request bit changes to “1” simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com