Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 438Page - Renesas Technology Corp M30620ECFS Datasheet HTML 439Page - Renesas Technology Corp M30620ECFS Datasheet HTML 440Page - Renesas Technology Corp M30620ECFS Datasheet HTML 441Page - Renesas Technology Corp M30620ECFS Datasheet HTML 442Page - Renesas Technology Corp M30620ECFS Datasheet HTML 443Page - Renesas Technology Corp M30620ECFS Datasheet HTML 444Page - Renesas Technology Corp M30620ECFS Datasheet HTML 445Page - Renesas Technology Corp M30620ECFS Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 621 page
background image
Watchdog Timer
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
427
Figure 2.11.1. Memory map of watchdog timer-related registers
Figure 2.11.2. Watchdog timer-related registers
(6) Registers related to the watchdog timer
Figure 2.11.1 shows the memory map of watchdog timer-related registers, and Figure 2.11.2 shows
watchdog timer-related registers.
Watchdog timer control register
Symbol
Address
When reset
WDC
000F16
000XXXXX2
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Watchdog timer start register
Symbol
Address
When reset
WDTS
000E16
Indeterminate
W
R
b7
b0
Function
The watchdog timer is initialized and starts counting after a write instruction to
this register. The watchdog timer value is always initialized to “7FFF16”
regardless of whatever value is written.
Reserved bit
Reserved bit
Must always be set to “0”
Must always be set to “0”
0
0
000E16
000F16
Watchdog timer start register (WDTS)
Watchdog timer control register (WDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com