Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 441Page - Renesas Technology Corp M30620ECFS Datasheet HTML 442Page - Renesas Technology Corp M30620ECFS Datasheet HTML 443Page - Renesas Technology Corp M30620ECFS Datasheet HTML 444Page - Renesas Technology Corp M30620ECFS Datasheet HTML 445Page - Renesas Technology Corp M30620ECFS Datasheet HTML 446Page - Renesas Technology Corp M30620ECFS Datasheet HTML 447Page - Renesas Technology Corp M30620ECFS Datasheet HTML 448Page - Renesas Technology Corp M30620ECFS Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 621 page
background image
Address Match Interrupt
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
430
2.12.1 Overview
The address match interrupt is used for correcting a ROM or for a simplified debugging-purpose monitor.
The following is an overview of the address match interrupt.
(1) Enabling/disabling the address match interrupt
The address match interrupt enable bit can be used to enable and disable an address match interrupt.
It is affected neither by the processor interrupt priority level (IPL) nor the interrupt enable flag (I flag).
(2) Timing of the address match interrupt
An interrupt occurs immediately before executing the instruction in the address indicated by the ad-
dress match interrupt register. Set the first address of the instruction in the address match interrupt
register. Setting a half address of an instruction or an address of tabulated data does not generate an
address match interrupt.
The first instruction of an interrupt routine does not generate an address match interrupt either.
(3) Returning from an address match interrupt
The return address put in the stack when an address match interrupt occurs depends on the instruc-
tion not yet executed (the instruction the address match interrupt register indicates). The return ad-
dress is not put in the stack. For this reason, to return from an address match interrupt, either rewrite
the content of the stack and use the REIT instruction or use the POP instruction to restore the stack to
the state as it was before the interrupt occurred and return by use of a jump instruction.
Figure 2.12.1 shows unexecuted instructions and corresponding the stacked addresses.
2.12 Address Match Interrupt
<Instructions whose address is added to by 2 when an address match interrupt occurs>
• 16-bit operation code instructions
• 8-bit operation code instructions given below
ADD.B:S
#IMM8,dest
SUB.B:S
#IMM8,dest
AND.B:S
#IMM8,dest
OR.B:S
#IMM8,dest
MOV.B:S
#IMM8,dest
STZ.B:S
#IMM8,dest
STNZ.B:S
#IMM8,dest
STZX.B:S
#IMM81,#IMM82,dest
CMP.B:S
#IMM8,dest
PUSHM
src
POPM
dest
JMPS
#IMM8
JSRS
#IMM8
MOV.B:S
#IMM,dest (However, dest = A0/A1)
<Instructions whose address is added to by 1 when an address match interrupt occurs>
• Instructions other than those listed above
Figure 2.12.1. Unexecuted instructions and corresponding stacked addresses
(4) How to determine an address match interrupt
Address match interrupts can be set at two different locations. However, both location will have the
same vector address. Therefore, it is necessary to determine which interrupt has occurred; address
match interrupt 0 or address match interrupt 1. Using the content of the stack, etc., determine which
interrupt has occurred according to the first part of the address match interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com