Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 446Page - Renesas Technology Corp M30620ECFS Datasheet HTML 447Page - Renesas Technology Corp M30620ECFS Datasheet HTML 448Page - Renesas Technology Corp M30620ECFS Datasheet HTML 449Page - Renesas Technology Corp M30620ECFS Datasheet HTML 450Page - Renesas Technology Corp M30620ECFS Datasheet HTML 451Page - Renesas Technology Corp M30620ECFS Datasheet HTML 452Page - Renesas Technology Corp M30620ECFS Datasheet HTML 453Page - Renesas Technology Corp M30620ECFS Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 621 page
background image
Key-Input Interrupt
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
435
Figure 2.13.2. key-input interrupt-related registers
Pull-up control register 2
Symbol
Address
When reset
PUR2
03FE16
0016
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PU20
P80 to P83 pull-up
PU21
P84 to P87 pull-up
(Except P85)
PU22
P90 to P93 pull-up
PU23
P94 to P97 pull-up
PU24
P100 to P103 pull-up
PU25
P104 to P107 pull-up
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
0 : Imput mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
b7
b6
b5
b4
b3
b2
b1
b0
Bit name
Function
Bit symbol
W
R
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
These bits can neither be set nor reset. When read, their contents are
indeterminate.
(Note1)
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
Interrupt control register (Note 2)
Symbol
Address
When reset
KUPIC
004D16
XXXX00002
Port P10 direction register
Symbol
Address
When reset
PD10
03F616
0016
Bit symbol
Bit symbol
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PD10_0
Port P100 direction register
PD10_1
Port P101 direction register
PD10_2
Port P102 direction register
PD10_3
Port P103 direction register
PD10_4
Port P104 direction register
PD10_5
Port P105 direction register
PD10_6
Port P106 direction register
PD10_7
Port P107 direction register
Note 1: This bit can only be accessed for reset (= 0), but cannot be accessed for set (= 1).
Note 2: To rewrite the interrupt control register, do so at a point that dose not generate the
interrupt request for that register. For details, see the precautions for interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com