Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 450Page - Renesas Technology Corp M30620ECFS Datasheet HTML 451Page - Renesas Technology Corp M30620ECFS Datasheet HTML 452Page - Renesas Technology Corp M30620ECFS Datasheet HTML 453Page - Renesas Technology Corp M30620ECFS Datasheet HTML 454Page - Renesas Technology Corp M30620ECFS Datasheet HTML 455Page - Renesas Technology Corp M30620ECFS Datasheet HTML 456Page - Renesas Technology Corp M30620ECFS Datasheet HTML 457Page - Renesas Technology Corp M30620ECFS Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 621 page
background image
Power Control
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
439
Figure 2.14.1. State transition diagram of power control mode
Transition of stop mode, wait mode
Transition of normal mode
Reset
Medium-speed mode
(divided-by-8 mode)
Interrupt
CM10 = “1”
All oscillators stopped
CPU operation stopped
Medium-speed mode
(divided-by-8 mode)
BCLK : f(XIN)/8
CM07 = “0” CM06 = “1”
Low-speed mode
High-speed mode
Main clock is oscillating
Sub clock is stopped
Main clock is oscillating
Sub clock is stopped
Main clock is stopped
Sub clock is oscillating
Main clock is oscillating
Sub clock is oscillating
Low power dissipation mode
High-speed/medium-
speed mode
Low-speed/low power
dissipation mode
Normal mode
Stop mode
Stop mode
Stop mode
All oscillators stopped
All oscillators stopped
Wait mode
Wait mode
Wait mode
CPU operation stopped
CPU operation stopped
Interrupt
WAIT
instruction
Interrupt
WAIT
instruction
Interrupt
WAIT
instruction
CM10 = “1”
Interrupt
Interrupt
CM10 = “1”
BCLK : f(XIN)/2
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “1”
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “1”
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “0”
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “0”
BCLK : f(XIN)/8
Medium-speed mode
(divided-by-8 mode)
CM07 = “0”
CM06 = “1”
High-speed mode
BCLK : f(XIN)/2
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “1”
Medium-speed mode
(divided-by-2 mode)
BCLK : f(XIN)/16
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “1”
Medium-speed mode
(divided-by-16 mode)
BCLK : f(XIN)/4
CM07 = “0” CM06 = “0”
CM17 = “1” CM16 = “0”
Medium-speed mode
(divided-by-4 mode)
BCLK : f(XIN)
CM07 = “0” CM06 = “0”
CM17 = “0” CM16 = “0”
BCLK : f(XCIN)
CM07 = “1”
BCLK : f(XCIN)
CM07 = “1”
Main clock is oscillating
Sub clock is oscillating
CM07 = “0”
(Note 1, 3)
CM07 = “0” (Note 1)
CM06 = “1”
CM04 = “0”
CM07 = “1”
(Note 2)
CM07 = “0” (Note 1)
CM06 = “0” (Note 3)
CM04 = “1”
CM07 = “1” (Note 2)
CM05 = “1”
CM05 = “0”
CM05 = “1”
CM04 = “0”
CM04 = “1”
CM06 = “0”
(Notes 1,3)
CM06 = “1”
CM04 = “0”
CM04 = “1”
(Notes 1, 3)
Note 1: Switch clock after oscillation of main clock is sufficiently stable.
Note 2: Switch clock after oscillation of sub clock is sufficiently stable.
Note 3: Change CM06 after changing CM17 and CM16.
Note 4: Transit in accordance with arrow.
(Refer to the following for the transition of normal mode.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com