Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 479 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 479 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 475Page - Renesas Technology Corp M30620ECFS Datasheet HTML 476Page - Renesas Technology Corp M30620ECFS Datasheet HTML 477Page - Renesas Technology Corp M30620ECFS Datasheet HTML 478Page - Renesas Technology Corp M30620ECFS Datasheet HTML 479Page - Renesas Technology Corp M30620ECFS Datasheet HTML 480Page - Renesas Technology Corp M30620ECFS Datasheet HTML 481Page - Renesas Technology Corp M30620ECFS Datasheet HTML 482Page - Renesas Technology Corp M30620ECFS Datasheet HTML 483Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 479 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
464
Timer A Applications
The following are steps of outputting a pulse only once after a specified elapse since an external
trigger is input. Figure 3.3.1 shows the operation timing, Figure 3.3.2 shows the connection dia-
gram, and Figures 3.3.3 and 3.3.4 show the set-up procedure.
Use the following peripheral function:
• One-shot timer mode of timer A
(1) Set timer A0 in one-shot timer mode, and set timer A1 in one-shot timer mode with pulse-
output function.
(2) Set 1 ms, an interval before a pulse is output, in timer A0; and set 50
µs, a pulse width, in timer
A1. Both timer A0 and timer A1 use f1 for the count source.
(3) Connect a 16-MHz oscillator to XIN.
(1) Setting the trigger select bit to “1” and setting the count start flag to “1” enables the counter of
timer A0 to count.
(2) If an effective edge, selected by use of the external trigger select bit, is input to the TA0IN pin,
the counter begins a down count. The counter of timer A0 performs a down count on count
source f1.
(3) As soon as the counter of timer A0 becomes “000016”, the counter reloads the content of the
reload register and stops counting. At this time, the timer A0 interrupt request bit gose to “1”.
(4) An underflow in timer A0 triggers the counter of timer A1 and causes it to begin counting.
When timer A1 begins counting, the output level of the TA1OUT pin gose to “H”.
(5) As soon as the counter of timer A1 becomes “000016”, the output level of the TA1OUT pin
gose to “L”, the counter reloads the content of the reload register, and stops counting. At this
time, timer A1 interrupt request bit gose to “1”.
3.3 Delayed One-Shot Output
Overview
Specifications
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com