Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 476Page - Renesas Technology Corp M30620ECFS Datasheet HTML 477Page - Renesas Technology Corp M30620ECFS Datasheet HTML 478Page - Renesas Technology Corp M30620ECFS Datasheet HTML 479Page - Renesas Technology Corp M30620ECFS Datasheet HTML 480Page - Renesas Technology Corp M30620ECFS Datasheet HTML 481Page - Renesas Technology Corp M30620ECFS Datasheet HTML 482Page - Renesas Technology Corp M30620ECFS Datasheet HTML 483Page - Renesas Technology Corp M30620ECFS Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
465
Timer A Applications
Figure 3.3.1. Operation timing of delayed one-shot output
Figure 3.3.2. Connection diagram of delayed one-shot output
FFFF16
l
000116
l = reload register content
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
000116
n
FFFF16
Time
(2) Timer A0 start count
Time
Timer A1 count
start flag
Timer A1 interrupt
request bit
Timer A0 interrupt
request bit
Timer A0 count
start flag
Input signal from
TA0IN pin
PWM pulse output
from TA1OUT pin
Set to “1” by software
Set to “1” by software
“H”
“L”
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software
“H”
“L”
1ms
50µs
(1) Count enabled
(3) Timer A0 stop count
(4) Timer A1 start count
(5) Timer A1 stop count
n = reload register content
f1
f8
f32
fC32
Timer A0
Timer A1
Timer A0 interrupt request bit
Timer A1 interrupt request bit
Used for one-shot timer mode
Used for one-shot timer mode
TA0IN pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com