Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 524 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 520Page - Renesas Technology Corp M30620ECFS Datasheet HTML 521Page - Renesas Technology Corp M30620ECFS Datasheet HTML 522Page - Renesas Technology Corp M30620ECFS Datasheet HTML 523Page - Renesas Technology Corp M30620ECFS Datasheet HTML 524Page - Renesas Technology Corp M30620ECFS Datasheet HTML 525Page - Renesas Technology Corp M30620ECFS Datasheet HTML 526Page - Renesas Technology Corp M30620ECFS Datasheet HTML 527Page - Renesas Technology Corp M30620ECFS Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
509
5.2 Data Access
5.2.1 Data Bus Width
If the voltage level input to the BYTE pin is “H”, the external data bus width becomes 8 bits, and P10 (/
D8) through P17 (/D15) can be used as I/O ports (Figure 5.2.1).
If the voltage level input to the BYTE pin is “L”, the external data bus width becomes 16 bits, and P10
(/D8) through P17 (/D15) operate as a data bus (D8 through D15) (Figure 5.2.1).
Figure 5.2.1. Level of BYTE pin and external data bus width
Chip select CS0 to CS3 (Note 2)
Chip select CS0 to CS3 (Note 2)
RD, WRL, WRH / RD, BHE, WR (Note 3)
BCLK, HLDA, HOLD, ALE, RDY
Bus width : 8-bit (BYTE = “H”)
Microcomputer
P00 to P07
External device
P10 to P17
P20 to P27
P30 to P37
P40 to P43
P44 to P47
P50 to P52
P53 to P57
Bus width : 16-bit (BYTE = “L”)
Data bus D0 to D7
I/O port
Address bus A0 to A15
Address bus A16 to A19 (Note 1)
BCLK, HLDA, HOLD, ALE, RDY
Microcomputer
P00 to P07
External device
P10 to P17
P20 to P27
P30 to P37
P40 to P43
P44 to P47
P50 to P52
P53 to P57
Note 1: Can be switched to I/O port using the port P40 to P43 function select bits of processor mode register 0 (address 000416).
Note 2: When reset, only CS0 outputs a chip select signal. CS1 through CS3 become input ports.
I/O ports can be switched using the CSi output enable bit of the chip select control register (address 000816).
Note 3: The feature can be switched using the R/W mode select bit of processor mode register 0 (address 000416).
Data bus D0 to D7
Data bus D8 to D15
Address bus A0 to A15
Address bus A16 to A19 (Note 1)
RD, WRL, WRH / RD, BHE, WR (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com