Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 524Page - Renesas Technology Corp M30620ECFS Datasheet HTML 525Page - Renesas Technology Corp M30620ECFS Datasheet HTML 526Page - Renesas Technology Corp M30620ECFS Datasheet HTML 527Page - Renesas Technology Corp M30620ECFS Datasheet HTML 528Page - Renesas Technology Corp M30620ECFS Datasheet HTML 529Page - Renesas Technology Corp M30620ECFS Datasheet HTML 530Page - Renesas Technology Corp M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp M30620ECFS Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
513
5.3.1 Normal Mode
In normal mode, a maximum 1 Mbyte of memory space can be accessed in memory expansion and
microprocessor modes. Programs and data can be located in any external area.
Figure 5.3.2. Memory Map in Nomal Mode
Microprocessor mode
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
Note 1: These memory maps show an instance in which PM13 is set to 0; but in the case of M30624MG/FG, they show an
instance in which PM13 is set to 1.
Note 2: The memory maps in single-chip mode are omitted.
0800016
Memory expansion mode
SFR area
Internal RAM area
External area
Internal ROM area
Internal area reserved
Internal area reserved
CS3
16K bytes
CS2
128K bytes
CS1
32K bytes
CS0
Memory expansion mode: 640K bytes
Microprocessor mode: 832K bytes
2800016
3000016
0400016
Normal mode (memory area = 1M bytes for PM15 = 0, PM14 = 0)
M30622M4
00FFF16
F800016
C000016
053FF16
M30624MG/FG
M30620M8
02BFF16
F000016
E800016
017FF16
M30622MA
E000016
017FF16
M30622MC
M30620MC/EC
E000016
02BFF16
M30622M8/E8
F000016
013FF16
Address XXXXX16
Type No.
Address YYYYY16
CS3
CS2
CS1
CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com