Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 525Page - Renesas Technology Corp M30620ECFS Datasheet HTML 526Page - Renesas Technology Corp M30620ECFS Datasheet HTML 527Page - Renesas Technology Corp M30620ECFS Datasheet HTML 528Page - Renesas Technology Corp M30620ECFS Datasheet HTML 529Page - Renesas Technology Corp M30620ECFS Datasheet HTML 530Page - Renesas Technology Corp M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp M30620ECFS Datasheet HTML 532Page - Renesas Technology Corp M30620ECFS Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
514
5.3.2 Memory Space Expansion Mode 1
In memory space extension mode 1, the accessible area is extended to the memory space that can be
accessed in normal mode plus 176 Kbytes. This 176-Kbyte area ranges from address 0400016 to ad-
dress 2FFFF16.
Figure 5.3.3. Memory Map in Memory space expansion mode 1
Microprocessor mode
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
FFFFF16
D000016
0800016
Memory expansion mode
SFR area
Internal RAM area
External area
Internal ROM area
Internal area reserved
Internal area reserved
CS3
CS2
CS1
CS0
2800016
3000016
0400016
CS3
CS2
CS1
CS0
Program exclusive area
176K bytes
area of memory
expanded
program/data area
CS0 area
Data exclusive area
CS1 area
CS2 area
CS3 area
32K bytes
128K bytes
16K bytes
When fetching a program from the area consisting of these addresses 0400016 through 2FFFF16, the
______
CPU reads program code from memory locations selected by the CS0 chip select signal. Also, when
______
______
______
accessing this area for data, the CPU accesses memory locations selected by the CS1, CS2, or CS3 chip
select signal.
In areas following address 3000016, for both program fetch and data access, the CPU accesses memory
______
locations selected by the CS0 chip select signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com