Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 529Page - Renesas Technology Corp M30620ECFS Datasheet HTML 530Page - Renesas Technology Corp M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp M30620ECFS Datasheet HTML 532Page - Renesas Technology Corp M30620ECFS Datasheet HTML 533Page - Renesas Technology Corp M30620ECFS Datasheet HTML 534Page - Renesas Technology Corp M30620ECFS Datasheet HTML 535Page - Renesas Technology Corp M30620ECFS Datasheet HTML 536Page - Renesas Technology Corp M30620ECFS Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
518
The area in 4-Mbyte ROM ranging from address 00000016 to address 37FFFF16 is a data-only area. No
program can be placed in this area. The 512-Kbyte area in 4-Mbyte ROM from address 38000016 to
address 3FFFFF16 can be used to locate both programs and data.
Figure 5.3.7. Memory map
Table 5.3.1. Address of 4M-byte ROM
Chip select(bank no.) output
Bank No.
Address output
Access area
M16C pin output
CS3
CS2
CS1
A19
A18
A17
A16
A15 to A0
A21
A20
A19
A18
N.C.
A17
A16
A15 to A0
4M bytes ROM address input
4M bytes ROM
access areas
40000
80000
BFFFF
40000
BFFFF
40000
BFFFF
40000
BFFFF
40000
BFFFF
40000
BFFFF
40000
BFFFF
40000
7FFFF
C0000
FFFFF
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
1
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
1
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0000
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
7
0
000000
010000
07FFFF
080000
0FFFFF
100000
17FFFF
180000
1FFFFF
200000
27FFFF
280000
2FFFFF
300000
37FFFF
380000
3BFFFF
3C0000
3FFFFF
0
1
2
3
4
5
6
7
Setting of M16C/62
4M bytes ROM access areas
B
M16C/62 memory space
(microprocessor mode)
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
FFFFF16
0800016
CS3
CS2
CS1
CS0
2800016
4000016
0400016
Bank 7
0
1
2
3
4
5
Bank 7
Bank 6
00000016
08000016
10000016
18000016
20000016
28000016
30000016
38000016
3FFFFF16
128K bytes SRAM area
4M bytes ROM area
Bank 0
Bank 1
Bank 2
Bank 3
Bank 4
Bank 5
Bank 6
Bank 7
Data area
Program/Data area
Bank No. in case of offset bit = 0
4M bytes ROM memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com