Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp M30620ECFS Datasheet HTML 532Page - Renesas Technology Corp M30620ECFS Datasheet HTML 533Page - Renesas Technology Corp M30620ECFS Datasheet HTML 534Page - Renesas Technology Corp M30620ECFS Datasheet HTML 535Page - Renesas Technology Corp M30620ECFS Datasheet HTML 536Page - Renesas Technology Corp M30620ECFS Datasheet HTML 537Page - Renesas Technology Corp M30620ECFS Datasheet HTML 538Page - Renesas Technology Corp M30620ECFS Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
520
The area in 2-Mbyte ROM ranging from address 00000016 to address 17FFFF16 is a data-only area. No
program can be placed in this area. The 512-Kbyte area in 2-Mbyte ROM from address 18000016 to
address 1FFFFF16 can be used to locate both programs and data.
Table 5.3.2. Access area of 2M-byte ROM and 256K-byte SRAM
Figure 5.3.9. Memory map
000000
07FFFF
080000
0FFFFF
100000
17FFFF
180000
1BFFFF
1C0000
1FFFFF
A20
A19
A18
A17
A16 A15 to A0
CS3
CS2
CS1
A19
A18
A17
A16 A15 to A0
40000
7FFFF
0
4
5
6
7
CS0
40000
BFFFF
40000
BFFFF
40000
BFFFF
40000
7FFFF
C0000
FFFFF
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
0000
FFFF
01
000000
03FFFF
0
0
0
0
0
0
0
0
0
0
SRAM
ROM
SRAM
ROM
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
0
1
1
1
1
0
1
0
1
0
1
0
0
1
1
0
0
0
0
1
1
1
1
1
1
1
0
1
0
1
0
1
1
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
0000
FFFF
10
Bank No. Access area
M16C pin output
Chip select output
Bank No.
Address output
N.C.
Setting of M16C/62
Address input of 2M-byte ROM and 256K-byteSRAM
real Address
CS
Access area and input of Memory
Memory map
00000016
03FFFF16
bank0
SRAM
CS2
CS1
0000016
0040016
FFFFF16
0800016
2800016
4000016
0400016
CS3
CS0
7FFFF16
C000016
Bank0
4
5
Bank6
Bank7
2M-byte ROM area
256K-byte
SRAM area
Bnak7
ROM
00000016
08000016
10000016
18000016
1FFFFF16
Bank4
Bank5
Bank6
M16C/62 memory space
(microprocessor mode)
SFR area
Internal RAM area
Internal area reserved
External
area
Data area
Data area
Program/Data
area
Bank No. in case of offset bit = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com