Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 531 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 531 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 527Page - Renesas Technology Corp M30620ECFS Datasheet HTML 528Page - Renesas Technology Corp M30620ECFS Datasheet HTML 529Page - Renesas Technology Corp M30620ECFS Datasheet HTML 530Page - Renesas Technology Corp M30620ECFS Datasheet HTML 531Page - Renesas Technology Corp M30620ECFS Datasheet HTML 532Page - Renesas Technology Corp M30620ECFS Datasheet HTML 533Page - Renesas Technology Corp M30620ECFS Datasheet HTML 534Page - Renesas Technology Corp M30620ECFS Datasheet HTML 535Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 621 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
516
______
______
______
device automatically outputs bank 7 (1, 1, 1) from the CS1, CS2, and CS3 pins each, no matter what bank
number has been set by the bank select bits. When accessing this same area for data, choose bank 7 by
setting the bank select bits first. For the area of bank 7 comprised of addresses C000016 through
______
______
______
FFFFF16, the device automatically outputs bank 7 (1, 1, 1) from the CS1, CS2, and CS3 pins each, for
either program fetch or data access.
When accessing the area comprised of addresses 0400016 through 3FFFF16, for both program fetch and
______
______
______
data access, the device outputs the same chip select signal from the CS1, CS2, and CS3 pins each as
output conventionally.
Figure 5.3.5 shows the Data bank register.
When alternately accessing areas across the bank boundary, you need to rewrite the bank select bits
each time. In this case, you can avoid this inconvenience by setting the Data bank register’s offset bit (bit
2 at address 0000B16) to 1, because this allows you to access said areas without having to rewrite the
bank select bits.
Figure 5.3.5. Data bank register
Data bank register
Symbol
Address
When reset
DBR
000B16
0016
Bit name
Description
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
OFS
Offset bit
0: Not offset
1: Offset
BSR
Bank selection bits
0 0 0: Bank 0
0 0 1: Bank 1
0 1 0: Bank 2
0 1 1: Bank 3
1 0 0: Bank 4
1 0 1: Bank 5
1 1 0: Bank 6
1 1 1: Bank 7
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
b5 b4 b3
b5 b4 b3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com