Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 573 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 573 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 569Page - Renesas Technology Corp M30620ECFS Datasheet HTML 570Page - Renesas Technology Corp M30620ECFS Datasheet HTML 571Page - Renesas Technology Corp M30620ECFS Datasheet HTML 572Page - Renesas Technology Corp M30620ECFS Datasheet HTML 573Page - Renesas Technology Corp M30620ECFS Datasheet HTML 574Page - Renesas Technology Corp M30620ECFS Datasheet HTML 575Page - Renesas Technology Corp M30620ECFS Datasheet HTML 576Page - Renesas Technology Corp M30620ECFS Datasheet HTML 577Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 621 page
background image
Standard Characteristics
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
558
Figure 7.1.3. IOH - VOH standard characteristics of ports P0 to P10 (except P70, P71 and P85) (VCC = 3V)
01.5
3
–15
–7.5
VOH [V]
VCC = 3V
Note: Data described here are characteristic examples. The data values are not guaranteed.
Refer to section “Electrical characteristics” for rated values.
Ta = –40˚C
Ta = 25˚C
Ta = 90˚C
Figure 7.1.4. IOL - VOL standard characteristics of ports P0 to P10 (except P70, P71 and P85) (VCC = 3V)
01.5
3
–15
–7.5
VOL [V]
VCC = 3V
Note: Data described here are characteristic examples. The data values are not guaranteed.
Refer to section “Electrical characteristics” for rated values.
Ta = 25˚C
Ta = –40˚C
Ta = 90 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com