Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 576 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 576 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 572Page - Renesas Technology Corp M30620ECFS Datasheet HTML 573Page - Renesas Technology Corp M30620ECFS Datasheet HTML 574Page - Renesas Technology Corp M30620ECFS Datasheet HTML 575Page - Renesas Technology Corp M30620ECFS Datasheet HTML 576Page - Renesas Technology Corp M30620ECFS Datasheet HTML 577Page - Renesas Technology Corp M30620ECFS Datasheet HTML 578Page - Renesas Technology Corp M30620ECFS Datasheet HTML 579Page - Renesas Technology Corp M30620ECFS Datasheet HTML 580Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 621 page
background image
Standard Characteristics
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
561
7.2 Standard Characteristics of A-D Converter
The standard characteristics given in this section are an example of M30620EC-XXXFP. The contents of
these examples cannot be guaranteed. For standardize values, see “Electric characteristics”.
Figures 7.2.1 and 7.2.2 show the standard characteristics of the A-D converter.
The line on the top side of the graph represents absolute errors.
The line on the bottom side of the graph represents the width of input voltage bearing the equal output code.
Note: Data described here are characteristic examples. The data values are not guaranteed.
Refer to section “Electrical characteristics” for rated values.
M30620EC Sample & hold, 10 bit characteristics of A-D conversion
AD
= XIN = 10 MHz
AVcc = Vcc = Vref = 5.12 V
1 LSB = 5 mV
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
0
256
512
768
1024
A-D conversion output code
Absolute error [LSB] (without a quantization error)
Differential non-linearity error [LSB]
Measurement conditions (VCC = 5.12V, VREF = 5.12V, f(XIN) = 10MHz, Ta = 25˚C)
Figure 7.2.1. Standard characteristics of the A-D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com