Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 579 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 579 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 575Page - Renesas Technology Corp M30620ECFS Datasheet HTML 576Page - Renesas Technology Corp M30620ECFS Datasheet HTML 577Page - Renesas Technology Corp M30620ECFS Datasheet HTML 578Page - Renesas Technology Corp M30620ECFS Datasheet HTML 579Page - Renesas Technology Corp M30620ECFS Datasheet HTML 580Page - Renesas Technology Corp M30620ECFS Datasheet HTML 581Page - Renesas Technology Corp M30620ECFS Datasheet HTML 582Page - Renesas Technology Corp M30620ECFS Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 621 page
background image
Standard Characteristics
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
564
Measurement conditions (VCC = 5.12V, VREF = 5.12V, f(XIN) = 10MHz, Ta = 25˚C
Figure 7.3.1. Characteristics of the D-A converter
Note: Data described here are characteristic examples. The data values are not guaranteed.
Refer to section “Electrical characteristics” for rated values.
–
50
–
40
–
30
–
20
–
10
0
10
20
30
40
50
–50
–40
–30
–20
–10
0
10
20
30
40
50
0
32
64
96
128
8 bit, characteristics of D-A conversion
Absolute accuracy [mV]
1 LSB WIDTH = 20mV
D-A input code
AVcc = Vcc = Vref = 5.12V
1LSB = 20mV
XIN = 10 MHz
1 LSB
2 LSB
–1 LSB
–2 LSB
–50
–40
–30
–20
–10
0
10
20
30
40
50
–50
–40
–30
–20
–10
0
10
20
30
40
50
128
160
192
224
256
D-A input code
1 LSB
2 LSB
–1 LSB
–2 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com