Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 613Page - Renesas Technology Corp M30620ECFS Datasheet HTML 614Page - Renesas Technology Corp M30620ECFS Datasheet HTML 615Page - Renesas Technology Corp M30620ECFS Datasheet HTML 616Page - Renesas Technology Corp M30620ECFS Datasheet HTML 617Page - Renesas Technology Corp M30620ECFS Datasheet HTML 618Page - Renesas Technology Corp M30620ECFS Datasheet HTML 619Page - Renesas Technology Corp M30620ECFS Datasheet HTML 620Page - Renesas Technology Corp M30620ECFS Datasheet HTML 621Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 617 / 621 page
background image
Contents for change
Revision
date
Version
Revision history
M16C/62 User's Manual
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
602
REV.C
99.11.2
Revision History
Page 9 CNVSS pin function Line 1
Page 9 BYTE pin function Line 1
Page 11 Figure 1.4.1
Add Note 3
Page 19 to 21 Figure 1.7.1 to Figure 1.7.3
Add to “ Note : Locations in the SFR area where nothing is allocated are reserved
areas. Do not access these areas for read or write. ”
________
Page 45 Table 1.13.2 BHE Status
________
Page 46 Table 1.13.3 BHE Status
Page 63 Interrupt Line 6
Page 68 Address Match Interrupt Line 6
Page 118, 124, 131 UARTi Transmit/receive Mode Register Bit 3 (Internal/external Clock
Select Bit) Function
Page 147 Line 5
Bit 1 of the UART2 special mode register 2 (address 036716) -->Bit 1 of the
UART2 special mode register 2 (address 037616)
Page 176 Table 1.23.2 and Figure 1.23.10 BCLK pin connection
Page 235 Flash memory Version Table 1.28.1
3V version: 2.4V to 3.6V (The bottom aim is 2.2V) -->3V version: 2.4V to 3.6V
99.11.25
Page 4
__
P81/TA4IN/U --> P81/TA4IN/U
__
P80/TA4OUT/U --> P80/TA4OUT/U
99.12.1
Page 335 Figure 2.4.7 Example of wiring
Add to Note.
Page 383 Line12
256 --> 255
Page 445 Line25
Add to Set D-A register to “0016”.
Page 461 Figure 3.2.1
All changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com