Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 619 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 619 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 613Page - Renesas Technology Corp M30620ECFS Datasheet HTML 614Page - Renesas Technology Corp M30620ECFS Datasheet HTML 615Page - Renesas Technology Corp M30620ECFS Datasheet HTML 616Page - Renesas Technology Corp M30620ECFS Datasheet HTML 617Page - Renesas Technology Corp M30620ECFS Datasheet HTML 618Page - Renesas Technology Corp M30620ECFS Datasheet HTML 619Page - Renesas Technology Corp M30620ECFS Datasheet HTML 620Page - Renesas Technology Corp M30620ECFS Datasheet HTML 621Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 619 / 621 page
background image
Contents for change
Revision
date
Version
Revision history
M16C/62 User's Manual
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
604
REV.C2
00.7.4
Page 197, Table 1.26.23, tCONV
9.8 (Min)
VCC(Max) --->9.8 (Min)
00.7.10
How to Use This Manual
This user's manual is written for the M16C/62 group.
The reader of this manual is expected to have the basic knowledge of electric and
logic circuits and microcomputers.
This manual explains a function of the following kind.
• M30620M8-XXXFP/GP
• M30620MA-XXXFP/GP
• M30620MC-XXXFP/GP
• M30620EC-XXXFP/GP
• M30620ECFS
• M30620SFP/GP
• M30622M4-XXXFP/GP
• M30622M8-XXXFP/GP
• M30622MA-XXXFP/GP
• M30622MC-XXXFP/GP
• M30622SFP/GP
• M30624MG-XXXFP/GP
• M30624FGFP/GP
• M30624FGLFP/GP
These products have similar features except for the memories, which differ from
one product to another. This manual gives descriptions of M30622MC-XXXFP. An
electric characteristic refer to data sheet responded to.
Page 368, Figure 2.5.15
Setting UART2 transmit/receive control register 0
UART2 transmit/receive control register 0 [Address 037C16]
U2C0
Must be fixed to “0” in UART mode
b7
b0
1
00
BRG count source select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
Valid when bit 4 = “0”
CTS/RTS disable bit
1 : CTS/RTS function disabled
Transmit register empty flag
0 : Data present in transmit register (during transmission)
1 : No data present in transmit register (transmission completed)
Transfer format select bit
Must be “0” (LSB first) in direct format
Must be fixed to “0” in UART mode
Setting UART2 transmit/receive mode register
UARTi transmit/receive mode register [Address 037816]
U2MR
Stop bit length select bit
0 : One stop bit
b7
b0
01
01
0
Odd/even parity select bit (Valid when bit 6 = “1”)
Must be “1” (even parity) in direct format
Parity enable bit
1 : Parity enabled
TXD, RXD I/O polarity reverse bit
Usually set to “0”
Serial I/O mode select bit
1 0 1 : Transfer data 8 bits long
b2 b1 b0
01 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com