Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 102Page - Renesas Technology Corp M30620ECFS Datasheet HTML 103Page - Renesas Technology Corp M30620ECFS Datasheet HTML 104Page - Renesas Technology Corp M30620ECFS Datasheet HTML 105Page - Renesas Technology Corp M30620ECFS Datasheet HTML 106Page - Renesas Technology Corp M30620ECFS Datasheet HTML 107Page - Renesas Technology Corp M30620ECFS Datasheet HTML 108Page - Renesas Technology Corp M30620ECFS Datasheet HTML 109Page - Renesas Technology Corp M30620ECFS Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
91
Note 1: The settings of the corresponding port register and port direction register are invalid.
Note 2: This bit is valid when only counting an external signal.
Note 3: Set the corresponding port direction register to “0”.
Note 4: This bit is valid for the timer A3 mode register.
For timer A2 and A4 mode registers, this bit can be “0 ”or “1”.
Note 5: When performing two-phase pulse signal processing, make sure the two-phase pulse
signal processing operation select bit (address 038416) is set to “1”. Also, always be
sure to set the event/trigger select bit (addresses 038216 and 038316) to “00”.
Timer Ai mode register
(When not using two-phase pulse signal processing)
Symbol
Address
When reset
TAiMR(i = 2 to 4) 039816 to 039A16
0016
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 1 : Event counter mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 : Pulse is not output
(TAiOUT pin is a normal port pin)
1 : Pulse is output (Note 1)
(TAiOUT pin is a pulse output pin)
Count polarity
select bit (Note 2)
MR2
MR1
MR3
0 : (Must always be “0” in event counter mode)
TCK1
TCK0
01
0
0 : Counts external signal's falling edges
1 : Counts external signal's rising edges
Up/down switching
cause select bit
0 : Up/down flag's content
1 : TAiOUT pin's input signal (Note 3)
Bit symbol
Bit name
Function
W
R
Count operation type
select bit
Two-phase pulse signal
processing operation
select bit (Note 4)(Note 5)
0 : Reload type
1 : Free-run type
0 : Normal processing operation
1 : Multiply-by-4 processing operation
Note 1: This bit is valid for timer A3 mode register.
For timer A2 and A4 mode registers, this bit can be “0” or “1”.
Note 2: When performing two-phase pulse signal processing, make sure the two-phase pulse
signal processing operation select bit (address 038416) is set to “1”. Also, always be
sure to set the event/trigger select bit (addresses 038216 and 038316) to “00”.
Timer Ai mode register
(When using two-phase pulse signal processing)
Symbol
Address
When reset
TAiMR(i = 2 to 4) 039816 to 039A16
0016
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 1 : Event counter mode
b1 b0
TMOD1
TMOD0
MR0
0 (Must always be “0” when using two-phase pulse signal
processing)
0 (Must always be “0” when using two-phase pulse signal
processing)
MR2
MR1
MR3
0 (Must always be “0” when using two-phase pulse signal
processing)
TCK1
TCK0
01
0
1 (Must always be “1” when using two-phase pulse signal
processing)
Bit symbol
Bit name
Function
W
R
Count operation type
select bit
Two-phase pulse
processing operation
select bit (Note 1)(Note 2)
0 : Reload type
1 : Free-run type
0 : Normal processing operation
1 : Multiply-by-4 processing operation
0
0
1
Figure 1.17.9. Timer Ai mode register in event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com