Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 105Page - Renesas Technology Corp M30620ECFS Datasheet HTML 106Page - Renesas Technology Corp M30620ECFS Datasheet HTML 107Page - Renesas Technology Corp M30620ECFS Datasheet HTML 108Page - Renesas Technology Corp M30620ECFS Datasheet HTML 109Page - Renesas Technology Corp M30620ECFS Datasheet HTML 110Page - Renesas Technology Corp M30620ECFS Datasheet HTML 111Page - Renesas Technology Corp M30620ECFS Datasheet HTML 112Page - Renesas Technology Corp M30620ECFS Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
94
1 / fi X (2
– 1)
16
Count source
TAiIN pin
input signal
PWM pulse output
from TAiOUT pin
Condition : Reload register = 000316, when external trigger
(rising edge of TAiIN pin input signal) is selected
Trigger is not generated by this signal
“H”
“H”
“L”
“L”
Timer Ai interrupt
request bit
“1”
“0”
Cleared to “0” when interrupt request is accepted, or cleared by software
fi : Frequency of count source
(f1, f8, f32, fC32)
Note: n = 000016 to FFFE16.
1 / fi X n
Count source (Note1)
TAiIN pin input signal
Underflow signal of
8-bit prescaler (Note2)
PWM pulse output
from TAiOUT pin
“H”
“H”
“H”
“L”
“L”
“L”
“1”
“0”
Timer Ai interrupt
request bit
Cleared to “0” when interrupt request is accepted, or cleaerd by software
fi : Frequency of count source
(f1, f8, f32, fC32)
Note 1: The 8-bit prescaler counts the count source.
Note 2: The 8-bit pulse width modulator counts the 8-bit prescaler's underflow signal.
Note 3: m = 0016 to FE16; n = 0016 to FE16.
Condition : Reload register high-order 8 bits = 0216
Reload register low-order 8 bits = 0216
External trigger (falling edge of TAiIN pin input signal) is selected
1 / fi X (m + 1) X (2 – 1)
8
1 / fi X (m + 1) X n
1 / fi X (m + 1)
Figure 1.17.12. Example of how a 16-bit pulse width modulator operates
Figure 1.17.13. Example of how an 8-bit pulse width modulator operates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com