Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 108Page - Renesas Technology Corp M30620ECFS Datasheet HTML 109Page - Renesas Technology Corp M30620ECFS Datasheet HTML 110Page - Renesas Technology Corp M30620ECFS Datasheet HTML 111Page - Renesas Technology Corp M30620ECFS Datasheet HTML 112Page - Renesas Technology Corp M30620ECFS Datasheet HTML 113Page - Renesas Technology Corp M30620ECFS Datasheet HTML 114Page - Renesas Technology Corp M30620ECFS Datasheet HTML 115Page - Renesas Technology Corp M30620ECFS Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer B
97
Item
Specification
Count source
f1, f8, f32, fC32
Count operation
• Counts down
• When the timer underflows, it reloads the reload register contents before
continuing counting
Divide ratio
1/(n+1)
n : Set value
Count start condition
Count start flag is set (= 1)
Count stop condition
Count start flag is reset (= 0)
Interrupt request generation timing
The timer underflows
TBiIN pin function
Programmable I/O port
Read from timer
Count value is read out by reading timer Bi register
Write to timer
• When counting stopped
When a value is written to timer Bi register, it is written to both reload register and counter
• When counting in progress
When a value is written to timer Bi register, it is written to only reload register
(Transferred to counter at next reload time)
(1) Timer mode
In this mode, the timer counts an internally generated count source. (See Table 1.17.6.) Figure 1.17.17
shows the timer Bi mode register in timer mode.
Table 1.17.6. Timer specifications in timer mode
Note 1: Timer B0, timer B3.
Note 2: Timer B1, timer B2, timer B4, timer B5.
Timer Bi mode register
Symbol
Address
When reset
TBiMR(i=0 to 5)
039B16 to 039D16
00XX00002
035B16 to 035D16
00XX00002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
Operation mode select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Invalid in timer mode
Can be “0” or “1”
MR2
MR1
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
TCK1
TCK0
Count source select bit
0
Invalid in timer mode.
In an attempt to write to this bit, write “0”. The value, if read in
timer mode, turns out to be indeterminate.
0
0 (Fixed to “0” in timer mode ; i = 0, 3)
Nothing is assiigned (i = 1, 2, 4, 5).
In an attempt to write to this bit, write “0”. The value, if read, turns out
to be indeterminate.
(Note 1)
(Note 2)
b7 b6
Figure 1.17.17. Timer Bi mode register in timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com