Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 111Page - Renesas Technology Corp M30620ECFS Datasheet HTML 112Page - Renesas Technology Corp M30620ECFS Datasheet HTML 113Page - Renesas Technology Corp M30620ECFS Datasheet HTML 114Page - Renesas Technology Corp M30620ECFS Datasheet HTML 115Page - Renesas Technology Corp M30620ECFS Datasheet HTML 116Page - Renesas Technology Corp M30620ECFS Datasheet HTML 117Page - Renesas Technology Corp M30620ECFS Datasheet HTML 118Page - Renesas Technology Corp M30620ECFS Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer B
100
Figure 1.17.21. Operation timing when measuring a pulse width
Measurement pulse
“H”
Count source
Count start flag
Timer Bi interrupt
request bit
Timing at which counter
reaches “000016”
“1”
“1”
Transfer
(measured value)
Transfer
(measured value)
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
(Note 1)
(Note 1)
(Note 1)
Transfer
(measured
value)
(Note 1)
Cleared to “0” when interrupt request is accepted, or cleared by software.
(Note 2)
Transfer
(indeterminate
value)
Reload register
counter
transfer timing
Figure 1.17.20. Operation timing when measuring a pulse period
Count source
Measurement pulse
Count start flag
Timer Bi interrupt
request bit
Timing at which counter
reaches “000016”
“H”
“1”
Transfer
(indeterminate value)
“L”
“0”
“0”
Timer Bi overflow flag
“1”
“0”
Note 1: Counter is initialized at completion of measurement.
Note 2: Timer has overflowed.
(Note 1)
(Note 1)
When measuring measurement pulse time interval from falling edge to falling edge
(Note 2)
Cleared to “0” when interrupt request is accepted, or cleared by software.
Transfer
(measured value)
“1”
Reload register
counter
transfer timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com