Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 115Page - Renesas Technology Corp M30620ECFS Datasheet HTML 116Page - Renesas Technology Corp M30620ECFS Datasheet HTML 117Page - Renesas Technology Corp M30620ECFS Datasheet HTML 118Page - Renesas Technology Corp M30620ECFS Datasheet HTML 119Page - Renesas Technology Corp M30620ECFS Datasheet HTML 120Page - Renesas Technology Corp M30620ECFS Datasheet HTML 121Page - Renesas Technology Corp M30620ECFS Datasheet HTML 122Page - Renesas Technology Corp M30620ECFS Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
104
Bit name
Timer Ai mode register
Symbol
Address
When reset
TA1MR
039716
0016
TA2MR
039816
0016
TA3MR
039A16
0016
Function
Bit symbol
b7
b6
b5
b4
b3
b2 b1
b0
Operation mode
select bit
1 0 : One-shot timer mode
b1 b0
TMOD1
TMOD0
MR0
Pulse output function
select bit
0 (Must always be “0” in three-phase PWM
output mode)
MR2
MR1
MR3
0 (Must always be “0” in one-shot timer mode)
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
b7 b6
TCK1
TCK0
Count source select bit
10
0
1 : Selected by event/trigger select
register
Trigger select bit
External trigger select
bit
W
R
Timer B2 mode register
Symbol
Address
When reset
TB2MR
039D16
00XX00002
Bit name
Function
Bit symbol
W
R
b7
b6
b5 b4
b3
b2
b1
b0
Operation mode select bit
0 0 : Timer mode
b1 b0
TMOD1
TMOD0
MR0
Invalid in timer mode
Can be “0” or “1”
MR2
MR1
MR3
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fC32
TCK1
TCK0
Count source select bit
0
Invalid in timer mode.
This bit can neither be set nor reset. When read in timer mode,
its content is indeterminate.
0
0 (Fixed to “0” in timer mode ; i = 0)
b7 b6
1
0
Invalid in three-phase PWM output mode
Figure 1.18.4. Timer mode registers in three-phase waveform mode
Three-phase motor driving waveform output mode (three-phase waveform mode)
Setting “1” in the mode select bit (bit 2 at 034816) shown in Figure 1.18.1 - causes three-phase waveform
mode that uses four timers A1, A2, A4, and B2 to be selected. As shown in Figure 1.18.4, set timers A1,
A2, and A4 in one-shot timer mode, set the trigger in timer B2, and set timer B2 in timer mode using the
respective timer mode registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com