Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 113Page - Renesas Technology Corp M30620ECFS Datasheet HTML 114Page - Renesas Technology Corp M30620ECFS Datasheet HTML 115Page - Renesas Technology Corp M30620ECFS Datasheet HTML 116Page - Renesas Technology Corp M30620ECFS Datasheet HTML 117Page - Renesas Technology Corp M30620ECFS Datasheet HTML 118Page - Renesas Technology Corp M30620ECFS Datasheet HTML 119Page - Renesas Technology Corp M30620ECFS Datasheet HTML 120Page - Renesas Technology Corp M30620ECFS Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timers’ functions for three-phase motor control
102
Three-phase output buffer register 0 (Note)
Symbol
Address
When reset
IDB0
034A16
0016
Bit name
Function
Bit Symbol
W
R
b7
b6
b5
b4
b3 b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
DU0
DUB0
DV0
DW0
DVB0
DWB0
U phase output buffer 0
Setting in U phase output buffer 0
V phase output buffer 0
W phase output buffer 0
U phase output buffer 0
V phase output buffer 0
W phase output buffer 0
Setting in V phase output buffer 0
Setting in W phase output buffer 0
Setting in W phase output buffer 0
Setting in V phase output buffer 0
Setting in U phase output buffer 0
Three-phase output buffer register 1 (Note)
Symbol
Address
When reset
IDB1
034B16
0016
Bit name
Function
Bit Symbol
W
R
b7
b6 b5
b4
b3
b2
b1
b0
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
DU1
DUB1
DV1
DW1
DVB1
DWB1
U phase output buffer 1
Setting in U phase output buffer 1
V phase output buffer 1
W phase output buffer 1
U phase output buffer 1
V phase output buffer 1
W phase output buffer 1
Setting in V phase output buffer 1
Setting in W phase output buffer 1
Setting in W phase output buffer 1
Setting in V phase output buffer 1
Setting in U phase output buffer 1
Dead time timer
Symbol
Address
When reset
DTT
034C16
Indeterminate
Function
Values that can be set
W
R
b7
b0
Set dead time timer
1 to 255
Timer B2 interrupt occurrences frequency set counter
Symbol
Address
When reset
ICTB2
034D16
Indeterminate
Function
Values that can be set
W
R
b3
b0
Set occurrence frequency of timer B2
interrupt request
1 to 15
Note: When executing read instruction of this register, the contents of three-phase shift
register is read out.
Note: When executing read instruction of this register, the contents of three-phase shift
register is read out.
Note1: In setting 1 to bit 1 (INV01) - the effective interrupt output specification bit - of three-
phase PWM control register 0, do not change the B2 interrupt occurrences frequency
set counter to deal with the timer function for three-phase motor control.
Note2: Do not write at the timing of an overflow occurrence in timer B2.
Figure 1.18.2. Registers related to timers for three-phase motor control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com