Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620ECFS Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # M30620ECFS
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECFS Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button M30620ECFS Datasheet HTML 130Page - Renesas Technology Corp M30620ECFS Datasheet HTML 131Page - Renesas Technology Corp M30620ECFS Datasheet HTML 132Page - Renesas Technology Corp M30620ECFS Datasheet HTML 133Page - Renesas Technology Corp M30620ECFS Datasheet HTML 134Page - Renesas Technology Corp M30620ECFS Datasheet HTML 135Page - Renesas Technology Corp M30620ECFS Datasheet HTML 136Page - Renesas Technology Corp M30620ECFS Datasheet HTML 137Page - Renesas Technology Corp M30620ECFS Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
119
UARTi transmit/receive control register 0
Symbol
Address
When reset
UiC0(i=0,1)
03A416, 03AC16
0816
b7
b6
b5
b4
b3
b2
b1
b0
Function
(During UART mode)
W
R
Function
(During clock synchronous
serial I/O mode)
TXEPT
CLK1
CLK0
CRS
CRD
NCH
CKPOL
BRG count source
select bit
Transmit register empty
flag
0 : Transmit data is output at
falling edge of transfer clock
and receive data is input at
rising edge
1 : Transmit data is output at
rising edge of transfer clock
and receive data is input at
falling edge
CLK polarity select bit
CTS/RTS function
select bit
CTS/RTS disable bit
Data output select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
0 : LSB first
1 : MSB first
0 : Data present in transmit
register (during transmission)
1 : No data present in transmit
register (transmission
completed)
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P60 and P64 function as
programmable I/O port)
0 : TXDi pin is CMOS output
1 : TXDi pin is N-channel
open-drain output
UFORM Transfer format select bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
Valid when bit 4 = “0”
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 2)
Valid when bit 4 = “0”
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 2)
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit
register (transmission completed)
0: TXDi pin is CMOS output
1: TXDi pin is N-channel
open-drain output
Must always be “0”
Bit name
Bit
symbol
Must always be “0”
Note 1: Set the corresponding port direction register to “0”.
Note 2: The settings of the corresponding port register and port direction register are invalid.
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P60 and P64 function as
programmable I/O port)
UART2 transmit/receive control register 0
Symbol
Address
When reset
U2C0
037C16
0816
b7
b6
b5
b4
b3
b2
b1
b0
Function
(During UART mode)
W
R
Function
(During clock synchronous
serial I/O mode)
TXEPT
CLK1
CLK0
CRS
CRD
CKPOL
BRG count source
select bit
Transmit register empty
flag
0 : Transmit data is output at
falling edge of transfer clock
and receive data is input at
rising edge
1 : Transmit data is output at
rising edge of transfer clock
and receive data is input at
falling edge
CLK polarity select bit
CTS/RTS function
select bit
CTS/RTS disable bit
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
0 : LSB first
1 : MSB first
0 : Data present in transmit
register (during transmission)
1 : No data present in transmit
register (transmission
completed)
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P73 functions
programmable I/O port)
0 : TXDi pin is CMOS output
1 : TXDi pin is N-channel
open-drain output
UFORM Transfer format select bit
(Note 3)
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : Inhibited
b1 b0
Valid when bit 4 = “0”
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 2)
Valid when bit 4 = “0”
0 : CTS function is selected (Note 1)
1 : RTS function is selected (Note 2)
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit
register (transmission completed)
0: TXDi pin is CMOS output
1: TXDi pin is N-channel
open-drain output
Must always be “0”
Bit name
Bit
symbol
Note 1: Set the corresponding port direction register to “0”.
Note 2: The settings of the corresponding port register and port direction register are invalid.
Note 3: Only clock synchronous serial I/O mode and 8-bit UART mode are valid.
0 : CTS/RTS function enabled
1 : CTS/RTS function disabled
(P73 functions programmable
I/O port)
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.
0 : LSB first
1 : MSB first
Figure 1.19.6. Serial I/O-related registers (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com